Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIC645 Datasheet(PDF) 13 Page - Vishay Siliconix

Part No. SIC645
Description  60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SIC645 Datasheet(HTML) 13 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SiC645
www.vishay.com
Vishay Siliconix
S16-2233-Rev. B, 31-Oct-16
13
Document Number: 65424
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PCB LAYOUT FOR MINIMIZING CURRENT LOOPS
Fig. 16 - Single-Phase PCB Layout for Minimizing Current Loops
Fig. 17 - Multi-Phase PCB Layout Example Top Layer
1
2
3
5
24
LGCTRL
V
CC
+5 V PV
CC
GND
NC
GND
GND
D
N
4
V
IN
V
IN
V
IN
GND(33)
GN
GN
ND
D
GN
ND
D
Inductor
9
10
11
12
13
14
15
16
8
6
7
21
22
23
27
GND
GND
GND
17
20
19
18
GND (35)
V
IN (34)
GND
25
24
26
28
29
30
31
32


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn