Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIC645 Datasheet(PDF) 12 Page - Vishay Siliconix

Part No. SIC645
Description  60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC645 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIC645 Datasheet HTML 8Page - Vishay Siliconix SIC645 Datasheet HTML 9Page - Vishay Siliconix SIC645 Datasheet HTML 10Page - Vishay Siliconix SIC645 Datasheet HTML 11Page - Vishay Siliconix SIC645 Datasheet HTML 12Page - Vishay Siliconix SIC645 Datasheet HTML 13Page - Vishay Siliconix SIC645 Datasheet HTML 14Page - Vishay Siliconix SIC645 Datasheet HTML 15Page - Vishay Siliconix SIC645 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SiC645
www.vishay.com
Vishay Siliconix
S16-2233-Rev. B, 31-Oct-16
12
Document Number: 65424
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PCB LAYOUT CONSIDERATIONS
Proper PCB layout will reduce noise coupling to other
circuits, improve thermal performance, and maximize the
efficiency. The following is meant to lead to an optimized
layout:
• Place multiple 10 μF or greater ceramic capacitors directly
at device between VIN and PGND as indicated in Fig. 16
This is the most critical decoupling and reduced parasitic
inductance in the power switching loop. This will reduce
overall electrical stress on the device as well as reduce
coupling to other circuits. Best practice is to place the
decoupling capacitors on the same PCB side as the
device.
For a design with tight space requirements, these
decoupling capacitors can be placed under the device,
i.e., bottom layer, as shown in Fig. 18
• Connect GND to the system GND plane with a large via
array as close to the GND pins as design rules allow. This
improves thermal and electrical performance.
•Place
PVCC,
VCC
and
BOOT-PHASE
decoupling
capacitors at the IC pins as shown in Fig. 16.
• Note that the SW plane connecting the SiC645 and
inductor must carry full load current and will create
resistive loss if not sized properly. However, it is also a
very noisy node that should not be oversized or routed
close to any sensitive signals. Best practice is to place the
inductor as close to the device as possible and thus
minimizing the required area for the SW connection. If one
must choose a long route of either the VOUT side of the
inductor or the SW side, choose the quiet VOUT side. Best
practice is to locate the SiC645 as close to the final load
as possible and thus avoid noisy or lossy routes to the
load.
• The IMON and IREF network and their vias should not sit
on the top of the VIN plane, a keep out area is
recommended, as shown in Fig. 18.
• The PCB is the best thermal heatsink material than any top
side cooling materials. The PCB always has enough vias
to connect VIN and GND planes. Insufficient vias will yield
lower efficiency and very poor thermal performance.
Fig. 17 and Fig. 18 show a multiphase PCB layout example.
TABLE 2 - FAULT REPORTING SUMMARY
FAULT EVENT
IMON
TMON
FAULT#
RESPONSE
OC
High
n/a
Low
GH gated off. The controller should acknowledge and
force its PWM to tri-state to keep both HFET and LFET
off. The fault is cleared
 1 μs after PWM enters
tri-state, otherwise, it stays asserted. (if system OVP
occurs, the controller may sen PWM to turn on LEFT)
Shorted HFET
IMON latched high
n/a
FAULT# latched low
GH gated off, until fault latch is cleared by VCC POR. GL
follows PWM.
OT
n/a
High
Low
GH and GL follow PWM.
VCC UVLO
IMON - REFIN = 0 V
TMON not valid
Low
Switching stops while in UVLO. Once above VCC POR
after 125 μs: GH and GL follow PWM; the FAULT# is
released; TMON is valid; IMON - REFIN is valid after GL
first goes low.
VIN UVLO
OC not valid
n/a
Low
GH and GL follow PWM.


Similar Part No. - SIC645

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645A VISHAY-SIC645A Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
More results

Similar Description - SIC645

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
Renesas Technology Corp
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
   Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
Vishay Siliconix
Vishay Siliconix
SIC648 VISHAY-SIC648 Datasheet
126Kb / 3P
   60 A VRPower짰 Smart Power Stage (SPS) Module
ON Semiconductor
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
Fairchild Semiconductor
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
   FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5821DCCT-ND FAIRCHILD-FDMF5821DCCT-ND Datasheet
1Mb / 25P
   FDMF5821DC . Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5826DCCT-ND FAIRCHILD-FDMF5826DCCT-ND Datasheet
1Mb / 25P
   FDMF5826DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
Vishay Siliconix
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz