Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIC645 Datasheet(PDF) 11 Page - Vishay Siliconix

Part No. SIC645
Description  60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC645 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIC645 Datasheet HTML 7Page - Vishay Siliconix SIC645 Datasheet HTML 8Page - Vishay Siliconix SIC645 Datasheet HTML 9Page - Vishay Siliconix SIC645 Datasheet HTML 10Page - Vishay Siliconix SIC645 Datasheet HTML 11Page - Vishay Siliconix SIC645 Datasheet HTML 12Page - Vishay Siliconix SIC645 Datasheet HTML 13Page - Vishay Siliconix SIC645 Datasheet HTML 14Page - Vishay Siliconix SIC645 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SiC645
www.vishay.com
Vishay Siliconix
S16-2233-Rev. B, 31-Oct-16
11
Document Number: 65424
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The HFET current is not monitored in the same way, so no
valid measured current is available while PWM is high (and
the short delays before and after). During this time, the
IMON will output the last valid LFET current before the
sampling stopped. On start-up after POR, the IMON will
output zero (relative to REFIN, which represents zero current)
until the switching begins, and then the current can be
properly measured.
The high-side FET current is separately monitored for OC
conditions; see the “over-current protection” section.
Over-current Protection
Fig. 14 shows the timing diagram of an over-current fault.
There is a comparator monitoring the HFET current while it
is on (GH high; also requires VIN POR above its trip point).
If
the
current
is
higher
than
90
A
(typical;
not
user-programmable), then an OC fault is detected. The GH
will be forced low, even if PWM is still high; this effectively
shortens the PWM (and GH) pulse width, to limit the current.
The IMON pin is pulled up to REFIN +1.2 V, which will be
detected by the controller as an over-current fault. The
controller is then expected to force PWM to tri-state (which
gates off both FETs) or low state (turns on LFET), either of
which
signals
the
SPS
that
the
fault
has
been
acknowledged. This starts a ~ 1 μs fault clear delay. The
IMON flag is released after the delay. The driver will then
respond to PWM inputs normally.
Note that if the controller does NOT acknowledge, the IMON
flag will stay high indefinitely, which will also hold GH low.
If OC is detected, the FAULT# pin is also pulled low; the
timing on the FAULT# pin will follow that of the IMON pin.
Fig. 14 - Over-current Fault Timing Diagram
Shorted HFET Protection
In the case of a shorted HFET, the SW node will have
excessive positive voltage present even when the LFET is
turned on. The SiC645 monitors the SW node during periods
when the LFET is on (GL is high), and should that voltage
exceed 100 mV (typical), the HFET short fault is declared.
The SiC645 will pull the IMON pin high, and the FAULT# will
be pulled low. But the fault will be latched; VCC POR is
needed to reset it. GH will be gated low (ignore PWM = high),
but the SiC645 will still respond to PWM tri-state and logic
low.
Thermal Monitoring
The SiC645 monitors its internal temperature and provides
a signal proportional to that temperature on the TMON pin.
TMON has a voltage of 600 mV at 0 °C and reflects
temperature at 8 mV/°C. The TMON output is valid 125 μs
after VCC POR.
Fig. 15 - Over-Temperature Fault
Fig. 15 shows a simplified functional representation. The top
section includes the sensor and the output buffer. The
bottom section includes the protection sensing, that will pull
the output high. The TMON pin is configured internally such
that a user can tie multiple pins together externally and the
resulting TMON bus will assume the voltage of the highest
contributor (representing the highest temperature).
Thermal Protection
If the internal temperature exceeds the over-temperature
trip point (+140 °C typical), the TMON pin is pulled high (to
~2.5 V), and the FAULT# pin is pulled low. No other action is
taken on-chip. Both the TMON and FAULT# pins will remain
in the fault mode, until the junction temperature drops below
+125 °C typical; at that point, the TMON and FAULT# pins
resume normal operation; the DMP can detect that the fault
condition has gone away, and decide what to do next.
FAULT Reporting
Over-current and shorted HFET detections will pull the
IMON pin to a high (fault) level, such that the DMP should
quickly
recognize
it
as
out
of
the
normal
range.
Over-temperature detection will pull the TMON pin to a high
(fault) level, such that the PWM controller should quickly
recognize it as out of the normal range.
All of the above faults, plus the VCC and VIN POR (UVLO)
conditions, will also pull down the FAULT# pin. This can be
used by the controller (or system) as fault detection, and can
also be used to disable the controller, through its enable pin.
The fault reporting and respective SPS response are
summarized in Table 2.
ILIM
0
HFET 
current
PWM
GH
GL
Fault
clear
delay
1 μs
IMON
-REFIN
1.2 V
Resume
normal OP
(if recovers)
 
 
 
FollowPWM low to
support OV following OC
No GH allowed
Fault#
DMP enters PWM mid-state
or low to acknowledge fault
600 mV + 8 mV/°C x temperature
TMON pin
Fault
reporting
configuration
Over-temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn