Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIC645 Datasheet(PDF) 9 Page - Vishay Siliconix

Part No. SIC645
Description  60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC645 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIC645 Datasheet HTML 5Page - Vishay Siliconix SIC645 Datasheet HTML 6Page - Vishay Siliconix SIC645 Datasheet HTML 7Page - Vishay Siliconix SIC645 Datasheet HTML 8Page - Vishay Siliconix SIC645 Datasheet HTML 9Page - Vishay Siliconix SIC645 Datasheet HTML 10Page - Vishay Siliconix SIC645 Datasheet HTML 11Page - Vishay Siliconix SIC645 Datasheet HTML 12Page - Vishay Siliconix SIC645 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SiC645
www.vishay.com
Vishay Siliconix
S16-2233-Rev. B, 31-Oct-16
9
Document Number: 65424
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (PVCC = 5 V, TA = 25 °C, unless otherwise stated)
Fig. 7 - 1.8 V VOUT Power Stage Efficiency (VIN = 12 V,
fSW = 500 kHz; LOUT = 0.18 μH/0.17m/FP1008-180-R;
Auto-Phase Enabled in 6-Phase Operation)
Fig. 8 - Power Stage Efficiency (VIN = 12 V, fSW = 500 kHz;
LOUT = 0.18 μH/0.17m/FP1008-180-R
Fig. 9 - Power Dissipation (VIN = 12 V, fSW = 500 kHz;
LOUT = 0.18 μH/0.17m/FP1008-180-R
Fig. 10 - 1.2 V Power Stage Efficiency (VIN = 12 V,
fSW = 500 kHz; LOUT = 0.18 μH/0.17m/FP1008-180-R;
Auto-Phase Enabled in 6-Phase Operation)
Fig. 11 - Power Stage Efficiency (VIN = 12 V, fSW = 500 kHz;
LOUT = 0.18 μH/0.17m/FP1008-180-R
Fig. 12 - Power Dissipation (VIN = 12 V, fSW = 500 kHz;
LOUT = 0.18 μH/0.17m/FP1008-180-R
80
82
84
86
88
90
92
94
96
98
0
30
60
90
120 150
180 210
240
Load (A)
Exclude 5 V losses
Include 5 V losses
80
82
84
86
88
90
92
94
96
0
10
20
30
40
50
60
Load (A)
2.50 V
1.80 V
1.50 V
1.35 V
1.20 V
1.00 V
0.90 V
0.80 V
0
2
4
6
8
10
12
14
0
10
20
30
40
50
60
Load (A)
2.50 V
1.80 V
1.50 V
1.35 V
1.20 V
1.00 V
0.90 V
0.80 V
80
82
84
86
88
90
92
94
96
98
0
30
60
90
120
150
180 210
240
Load (A)
Exclude 5 V losses
Include 5 V losses
80
82
84
86
88
90
92
94
96
0
10
20
30
40
50
60
Load (A)
600 kHz
700 kHz
800 kHz
400 kHz
500 kHz
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
Load (A)
700 kHz
800 kHz
400 kHz
500 kHz
600 kHz


Similar Part No. - SIC645

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645A VISHAY-SIC645A Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
More results

Similar Description - SIC645

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
Renesas Technology Corp
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
   Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
Vishay Siliconix
Vishay Siliconix
SIC648 VISHAY-SIC648 Datasheet
126Kb / 3P
   60 A VRPower짰 Smart Power Stage (SPS) Module
ON Semiconductor
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
Fairchild Semiconductor
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
   FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5821DCCT-ND FAIRCHILD-FDMF5821DCCT-ND Datasheet
1Mb / 25P
   FDMF5821DC . Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5826DCCT-ND FAIRCHILD-FDMF5826DCCT-ND Datasheet
1Mb / 25P
   FDMF5826DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
Vishay Siliconix
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz