Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC645 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIC645
Description  60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC645 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIC645 Datasheet HTML 4Page - Vishay Siliconix SIC645 Datasheet HTML 5Page - Vishay Siliconix SIC645 Datasheet HTML 6Page - Vishay Siliconix SIC645 Datasheet HTML 7Page - Vishay Siliconix SIC645 Datasheet HTML 8Page - Vishay Siliconix SIC645 Datasheet HTML 9Page - Vishay Siliconix SIC645 Datasheet HTML 10Page - Vishay Siliconix SIC645 Datasheet HTML 11Page - Vishay Siliconix SIC645 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SiC645
www.vishay.com
Vishay Siliconix
S16-2233-Rev. B, 31-Oct-16
8
Document Number: 65424
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
b. These ratings vary with PCB layout and operating condition, and limited by SPS temperature and thermal shutdown trip point.
c. Limits apply across the operating temperature range.
TIMING DIAGRAM
Fig. 6 - Timing Diagram
CURRENT MONITOR
IREFIN voltage range
0.8 c
1.2
1.6 c
V
IMON current gain accuracy (VCC = 5 V)
10 A, TJ = 90 °C
-
± 2
-
%
 10 A, T
J = 40 °C to 25 °C
-
± 3
-
 10 A, T
J = 20 °C to 125 °C
-
± 4
-
 10 A, T
J = 0 °C to 125 °C
-
± 5
-
Downslope blanking time
-160
-
ns
HFET over-current trip
-90-
A
IMON to IREFIN at OCP
1.1 c
1.2
1.3 c
V
TEMPERATURE MONITOR
Over-temperature rising threshold
-140
-
°C
Over-temperature falling threshold
-125
-
Over-temperature hysteresis
-15-
Temperature coefficient
TJ = 25 °C to 125 °C
-
8
-
mV/K
TJ = -40 °C to +25 °C
-
8
-
TMON voltage at 25 °C temperature
V (TJ) = 0.6 V + (8 mV x TJ)
-
0.80
-
V
TMON high at over-temperature
2.3 c
2.5
2.7 c
FAULT PIN
Output low voltage
5 mA
-
0.18
0.26
V
Leakage current
-16-
nA
BOOTSTRAP DIODE
Forward voltage drop
5 mA
-
0.09
-
V
On-resistance
RF
-16-
LGCTRL PIN
Rising threshold
Logic high, (normal: obeys PWM)
-
1.29
1.6
V
Falling threshold
Logic low, (forces GL low; left off)
0,70 c
1.01
-
MOSFETs
High-side MOSFET (HFET) RDS(on)
-3.6
-
m
Low-side MOSFET (LFET) RDS(on)
-0.76
-
ELECTRICAL SPECIFICATIONS
(recommended operating conditions, unless otherwise noted. TJ = -40 °C to +125 °C)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN. a
TYP.
MAX. a
PWM
GH
GL
tFL
tPDHU
tPDLL
tRL
tTSSHDL
tPDTS
tPDTSU
tFU
tRU
tPDLU
tPDHL
tSSHDU
tPDLFUR
tPDUFLR


Similar Part No. - SIC645

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645A VISHAY-SIC645A Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
More results

Similar Description - SIC645

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
   60 A VRPower짰 Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
01-Jan-2022
logo
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
   Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
logo
Intersil Corporation
ISL99227 INTERSIL-ISL99227 Datasheet
478Kb / 17P
   Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
   Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
logo
Vishay Siliconix
SIC648 VISHAY-SIC648 Datasheet
126Kb / 3P
   60 A VRPower® Smart Power Stage (SPS) Module With Integrated High Accuracy Current and Temperature Monitors
Rev. C, 14-Jun-2021
logo
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
   FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
logo
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com