Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SIC645 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. SIC645
Description  60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SIC645 Datasheet(HTML) 6 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SiC645
www.vishay.com
Vishay Siliconix
S16-2233-Rev. B, 31-Oct-16
6
Document Number: 65424
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Notes
a.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with direct attach features.
b. For
JC, the case temperature location is the center of the exposed metal pad on the package underside.
c. These ratings vary with PCB layout and operating condition, and limited by device temperature and thermal shutdown trip point.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL PARAMETER
SYMBOL
CONDITONS
LIMIT
UNIT
Supply voltage
VCC, PVCC
-0.3 to +6
V
Input supply voltage
VIN
-0.3 to +25
PHASE, SW voltage
VPH-GND, VSW-GND GND - 10 V, < 20 ns pulse width, 10 μJ
-0.3 to +25
BOOT voltage
VBOOT_GND
-0.3 to +36
Other I/O pin voltage
-0.3 to VCC + 0.3
Maximum junction temperature
(plastic package)
150
°C
Maximum storage temperature range
-65 to +150
Lead (Pb)-free Reflow Profile
--
RECOMMENDED OPERATING RANGE
ELECTRICAL PARAMETER
MINIMUM
TYPICAL
MAXIMUM
UNIT
Operating junction temperature range
-40
-
125
°C
Supply voltage (VCC, PVCC)
-
5 ± 5 %
-
V
Input supply voltage (VIN)4.5
-
18
THERMAL INFORMATION
THERMAL RESISTANCE
JA (°C/W)
JC (°C/W)
Dual cooled PowerPAK MLP55-32L a, b, c
10.7
1.6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn