Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F010A-12C4NE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS28F010A-12C4NE4
Description  1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010A-12C4NE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS28F010A-12C4NE4 Datasheet HTML 2Page - Texas Instruments TMS28F010A-12C4NE4 Datasheet HTML 3Page - Texas Instruments TMS28F010A-12C4NE4 Datasheet HTML 4Page - Texas Instruments TMS28F010A-12C4NE4 Datasheet HTML 5Page - Texas Instruments TMS28F010A-12C4NE4 Datasheet HTML 6Page - Texas Instruments TMS28F010A-12C4NE4 Datasheet HTML 7Page - Texas Instruments TMS28F010A-12C4NE4 Datasheet HTML 8Page - Texas Instruments TMS28F010A-12C4NE4 Datasheet HTML 9Page - Texas Instruments TMS28F010A-12C4NE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TMS28F010A
1048576-BIT FLASH
ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
SMJS012 – DECEMBER 1992 – REVISED NOVEMBER 1993
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Table 1. Operation Modes
FUNCTION
MODE
VPP†
(1)
E
(22)
G
(24)
A0
(12)
A9
(26)
W
(31)
DQ0 – DQ7
(13 – 15, 17 – 21)
Read
VPPL
VIL
VIL
X
X
VIH
Data Out
Output Disable
VPPL
VIL
VIH
X
X
VIH
HI-Z
Read
Standby and Write Inhibit
VPPL
VIH
X
X
X
X
HI-Z
Algorithm Selection Mode
VPPL
VIL
VIL
VIL
VID
VIH
Mfr Equivalent Code 89h
Algorithm-Selection Mode
VPPL
VIL
VIL
VIH
VID
VIH
Device Equivalent Code B4h
Read
VPPH
VIL
VIL
X
X
VIH
Data Out
Read/
Output Disable
VPPH
VIL
VIH
X
X
VIH
HI-Z
Write
Standby and Write Inhibit
VPPH
VIH
X
X
X
X
HI-Z
Write
VPPH
VIL
VIH
X
X
VIL
Data In
NOTE: X can be VIL or VIH.
† VPPL ≤ VCC + 2 V; VPPH is the programming voltage specified for the device. For more details, refer to the recommended operating conditions.
operation
read/output disable
When the outputs of two or more TMS28F010As are connected in parallel on the same bus, the output of any
particular device in the circuit can be read with no interference from the competing outputs of other devices. To
read the output of the TMS28F010A, a low-level signal is applied to the E and G pins. All other devices in the
circuit should have their outputs disabled by applying a high-level signal to one of these pins.
standby and write inhibit
Active ICC current can be reduced from 30 mA to 1 mA by applying a high TTL level on E or to 100 µA with a
high CMOS level on E. In this mode, all outputs are in the high-impedance state. The TMS28F010A draws active
current when it is deselected during programming, erasure, or program/erase verification. It continues to draw
active current until the operation is terminated.
algorithm-selection mode
The algorithm-selection mode provides access to a binary code identifying the correct programming and erase
agorithms. This mode is activated when A9 (pin 26) is forced to VID. Two identifier bytes are accessed by toggling
A0. All other addresses must be held low. A0 low selects the manufacturer equivalent code 89h, and A0 high
selects the device equivalent code B4h, as shown in the algorithm-selection mode table below:
IDENTIFIER
PINS
IDENTIFIER
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
HEX
Manufacturer Equivalent Code
VIL
1
0
0
0
1
0
0
1
89
Device Equivalent Code
VIH
1
0
1
1
0
1
0
0
B4
NOTE: E = G = VIL, A1 – A8 = VIL, A9 = VID, A10 – A16 = VIL, VPP = VPPL.
programming and erasure
In the erased state, all bits are at a logic 1. Before erasing the device, all memory bits must be programmed to
a logic 0. Afterwards, the entire chip is erased. At this point, the bits, now logic 1s, can be programmed
accordingly. Refer to the Fastwrite and Fasterase algorithms for further detail.


Similar Part No. - TMS28F010A-12C4NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10 TI-TMS28F010B-10 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FME TI-TMS28F010B-10C5FME Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FML TI-TMS28F010B-10C5FML Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-12 TI-TMS28F010B-12 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS28F010A-12C4NE4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
Texas Instruments
TMS29F256 TI-TMS29F256 Datasheet
997Kb / 18P
[Old version datasheet]   262,144-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com