Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS6-102G-PWM Datasheet(PDF) 2 Page - Copal Electronics

Part # PS6-102G-PWM
Description  PRESSURE SWITCHES WITH GAUGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS6-102G-PWM Datasheet(HTML) 2 Page - Copal Electronics

  PS6-102G-PWM Datasheet HTML 1Page - Copal Electronics PS6-102G-PWM Datasheet HTML 2Page - Copal Electronics PS6-102G-PWM Datasheet HTML 3Page - Copal Electronics PS6-102G-PWM Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS6
PRESSURE SWITCHES WITH GAUGE
Item
Model number
PS6
102V
102G
103G
STANDARD SPECIFICATIONS
Pressure reference
Gauge
Non-corrosive gases
0 ~
−100
0 ~ 100
0 ~ 1000
200
200
1500
500
500
2000
−10 ~ 60
0 ~ 50
35 ~ 85No condensation
−20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum)
Approx.
50Including cable
12 ~ 24 V
± 10 %Including ripple percentage
35
100 (500 V DC)
500 V AC, 60 sLeakage current 1 mA maximum
R 1/8(M5 Female screwor M5
2-digit LED
−0 ~ −99 kPa
0 ~ 99 kPa
.0 ~ .99 MPa
± 3 %F.S. ± 2counts
1 count
Pressure medium
Rated pressure range
kPa
Maximum pressure
kPa
Break-down pressure
kPa
Operating temp. range
°C
Compensated temp. range
°C
Operating humidity
%RH
Storage temp.
°C
Net weight
g
Supply voltage
V DC
Consumption current
mA max.
Insulation resistance
M
Ω min.
Dielectric strength
Pressure port
Display element
Rated display range
Display accuracy
0 ∼ 50℃
Reference temp. 25 °C
Resolution
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 12 V DC.
Approx. 0 ~ 15 % of the set value (W type only 2 % F.S. maximum)
30 V 80 mA maximum
0.8 (NPN), 1.2 (PNP)
0 ~ 100 of rated pressure
※2
※1
Red LED ON (W type only : SW1 Red, SW2 Green)
± 3
Approx. 2
1 ~ 5
1
± 0.1
4
± 0.1
1(Load resistance 5 k
Ω minmum
Adjustable range
Switching capacity
Residual voltage
V maximum
Display
Accuracy
0 ∼ 50℃
%F.S.
Reference temp. 25 °C
Switch
hysteresis
Response
ms
Output voltage
V
Zero voltage
V
Span voltage
V
Output current
mA maximum
※1:Please set adjusting torque at 30 mN·m maximum.
※2:The actual setting range adjustable by VR has a little overrunning margin beyond the rated display of 0 through 99.
This could cause the setting value of VR may be under “0” or over “99”.
Open collector output (NPN or PNP)
Adjustable by VR
1 or 2
No. of outputs
Output interface
Setting method


Similar Part No. - PS6-102G-PWM

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PS6 DBLECTRO-PS6 Datasheet
365Kb / 2P
   Monostable or bistable relays Single and double Coil magnet latching Type available
logo
Copal Electronics
PS6 COPAL-PS6 Datasheet
1Mb / 4P
   ELECTRONIC PRESSURE SWITCH
logo
Altech corporation
PS60 ALTECH-PS60 Datasheet
128Kb / 1P
   60W Single Phase DIN Rail Power Supply PS-60 Series
logo
Bi technologies
PS60 BITECH-PS60 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
Copal Electronics
PS60 COPAL-PS60 Datasheet
2Mb / 7P
   CONPOUND PRESSURE SWITCH
More results

Similar Description - PS6-102G-PWM

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS60 COPAL-PS60_16 Datasheet
96Kb / 4P
   PRESSURE SWITCHES WITH GAUGE
PS30 COPAL-PS30_16 Datasheet
744Kb / 4P
   PRESSURE SWITCHES WITH GAUGE
logo
Festo Corporation.
548010 FESTO-548010 Datasheet
104Kb / 2P
   Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
   Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
   Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
   Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
   Pressure gauge
8/10/22
9791 FESTO-9791 Datasheet
87Kb / 1P
   Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
   Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
   Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com