Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS91 Datasheet(PDF) 3 Page - Copal Electronics

Part # PS91
Description  PRESSURE SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS91 Datasheet(HTML) 3 Page - Copal Electronics

  PS91_16 Datasheet HTML 1Page - Copal Electronics PS91_16 Datasheet HTML 2Page - Copal Electronics PS91_16 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
N1/P1 type
N2/P2 type
OFF
ON
SW2
SW1
-100 kPa
10 kPa
OFF
ON
OFF
ON
SW2
SW1
-100 kPa
10 kPa
OFF
ON
Hysteresis
Hysteresis
Hysteresis
Hysteresis
Label2
Indicator LED2
Setting trimmer2
Indicator LED1
Setting trimmer1
L=1500±100
4-core shield cable(φ4)
Cable bush
Pressure port M5 depth6
Label1
(SUS316L)
φ10
φ18
φ26.2
AWG26 ULNo.2844
(ESS-1)
6
45
(10)
57.5
Cover(A1100PD)
Frange(KF25)
Indicator LED2
Setting trimmer2
Indicator LED1
Setting trimmer1
Label2
L=1500 100
4-core shield cable
AWG26 ULNo.2644
Cable bush
Label1
Cover
(SUS316L)
(SUS316L)
19
Diaphragm
9/16-18UNF
73.5
16
(ESS-1)
(φ4)
6
45
(10)
(A1100PD)
0
–0.3
K2
VC
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance : ± 0.5 (Unit: mm)
SWITCH OUTPUT SCHEMATICS
PS91
PRESSURE SWITCHES
Load
S.Output1
Main circuit
Power B
Sensor
Common
Shield
S.Output2
Load
2
LED Indicator
1
Pressure
Sensor
S.Output1
S.Output2
Load
Pressure
Power B
1
2
Common
Common
Load
LED Indicator
Main circuit
INTERNAL ELECTRICAL SCHEMATICS
NPN
PNP
Wire color
Connection
Red
Power
Green
Switch output 1
White
Switch output 2
Black
Common
Shield
Fitting


Similar Part No. - PS91_16

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PS9121 CALMIRCO-PS9121 Datasheet
2Mb / 7P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9121 CEL-PS9121 Datasheet
287Kb / 15P
   The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121 Datasheet
293Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121 RENESAS-PS9121 Datasheet
301Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
More results

Similar Description - PS91_16

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
   Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
   INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com