Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS20-302R-PU Datasheet(PDF) 1 Page - Copal Electronics

Part # PS20-302R-PU
Description  PRESSURE SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS20-302R-PU Datasheet(HTML) 1 Page - Copal Electronics

  PS20-302R-PU Datasheet HTML 1Page - Copal Electronics PS20-302R-PU Datasheet HTML 2Page - Copal Electronics PS20-302R-PU Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRESSURE SWITCHES
PS20
Part name
Material
Pressure port
Housing
Sensor module
“O” ring
Cable
VR
1
2
3
4
5
6
1
2
3
6
5
4
Aluminum
PC (Polycarbonate)
PPS (Polyphenylenesulphide)
Fluoro-rubber
Vinyl chloride resin
POM (polyoxymethylene)
INTERNAL STRUCTURE
2-M5 female screw)
Ultra-small size pressure transducer with Amp.
With 1 switch output
2 types of pressure ports are available
Meet EMC standards
FEATURES
MODEL NUMBER DESIGNATION
P S 2 0 - 1 0 2 V - N U
Series name
Pressure port
Rated pressure range
102V:0 ~ -100 kPa
(Gauge - Vacuum)
302R:-100 ~ 300 kPa
(Gauge - Compound)
Switch output interface
P:PNP open collector
N:NPN open collector
U:Universal joint
M:2-M5 female screw
Pressure reference
Rated pressure range [kPa]
0 ~ – 100
– 100 ~ 300
Pressure port
Universal joint
2-M5 female screw
NPN
PNP
NPN
PNP
LIST OF MODEL NUMBERS
PS20-102V-NU
PS20-302R-NU
PS20-102V-PU
PS20-302R-PU
PS20-102V-NM
PS20-302R-NM
PS20-102V-PM
PS20-302R-PM
※Verify the above model numbers when placing orders.
マーキング
EMC指令適合
marking
Compatible with
EMC directive


Similar Part No. - PS20-302R-PU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS20 VISHAY-PS20 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PS20 VISHAY-PS20 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
logo
Elektron Components Ltd...
PS20 BULGIN-PS20 Datasheet
85Kb / 1P
   Accessories
logo
Bi technologies
PS20 BITECH-PS20 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
Pan Jit International I...
PS200 PANJIT-PS200 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
More results

Similar Description - PS20-302R-PU

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
   Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
   INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com