Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS6 Datasheet(PDF) 3 Page - Copal Electronics

Part No. PS6
Description  PRESSURE SWITCHES WITH GAUGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS6 Datasheet(HTML) 3 Page - Copal Electronics

  PS6_16 Datasheet HTML 1Page - Copal Electronics PS6_16 Datasheet HTML 2Page - Copal Electronics PS6_16 Datasheet HTML 3Page - Copal Electronics PS6_16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OFF
Hysteresis
Set value
Hysteresis
Set value
−100 kPa
Rated pressure
Barometic
pressure
Barometic
pressure
ON
OFF
ON
FG
LED
Pressure indication
A.Output
LED Indicator
1
Common
Sensor
Power
B
Main circuit
S.Output
Load
Pressure
FG
LED
Pressure indication
A.Output
Common
S.Output
Power
B
Load
Pressure
Main circuit
Sensor
LED Indicator
1
FG
1
LED Indicator
2
Load
S.Output2
Common
Sensor
Power
B
Main circuit
S.Output1
Load
Pressure
FG
2
LED Indicator
1
Common
S.Output2
Power
B
Load
Load
Pressure
Main circuit
Sensor
S.Output1
O NAM, NAR (NPN/Adjustable hysteresis switch)
O PS6-102V
O PS6- *** G
O PAM, PAR (PNP/Adjustable hysteresis switch)
PS6
PRESSURE SWITCHES WITH GAUGE
CIRCUIT DIAGRAMS
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2, 3 directions for 2 hours each
196 m/s2, 3 directions for 3 times each
40 °C, 90 ~ 95 %RH, 240 hrs.
0 ~ Rated pressure, 106 cycles
EMI : EN55011: 2007, A2 : 2007 Group 1, class B
ý
EMS : EN61326-1 : 2006 Table 2
Pressure indication, switch operating pressure and
analog output variation :
± 2 %F.S., maximum each after test
Pressure indication, switch operating pressure and analog
output variation :
± 5 %F.S., maximum during test
Shock
Moisture resistance
Pressure cycling
EMC
SWITCHING OPERATION
The switch turns on at the set pressure and turns off at the set pressure minus the hysteresis.
* A * is adjustable hysteresis type.
O NWM, NWR (NPN/2 switch outputs)
O PWM, PWR (PNP/2 switch outputs)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn