Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-100-101GP Datasheet(PDF) 1 Page - Copal Electronics

Part # PG-100-101GP
Description  HANDHELD DIGITAL MANOMETER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-100-101GP Datasheet(HTML) 1 Page - Copal Electronics

  PG-100-101GP Datasheet HTML 1Page - Copal Electronics PG-100-101GP Datasheet HTML 2Page - Copal Electronics PG-100-101GP Datasheet HTML 3Page - Copal Electronics PG-100-101GP Datasheet HTML 4Page - Copal Electronics PG-100-101GP Datasheet HTML 5Page - Copal Electronics PG-100-101GP Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
O Excellent stability
Pressure-sensitive element of semiconductor chip and circuit
technology guarantees excellent temperatue compensation.
O Super long battery life
A 3.6 V lithium battery incorporated has the long life to last
over 3000 hours.
O Automatic power off
Automatic power off function works in approximately 3
minutes, which minimizes battery waste.
O Handy size and easy one hand operation
O Easy reading with a large LCD display
No reading error because of digital display with the holding
function.
O Meet EMC standard
EN 55011 (EMI)
EN 50082-1 (EMS)
FEATURES
HANDHELD DIGITAL MANOMETER
PG-100
Zero adjustment VR
Pressure port
Power button
OUTLINE DIMENSIONS
W60mm
× H90 × D20mm
Hold button
Unit of display
Digital 3 1/2 digits
MODEL NUMBER DESIGNATION
P G - 1 0 0 - 1 0 2 G P
Series name
Rated pressure range
101
:0 ~ 9.81 kPa {0 ~ 0.1 kgf/cm2} 0 ~ 10 kPa(When displayed in the unit of Pa)
102
:0 ~ 98.1 kPa {0 ~ 1 kgf/cm2} 0 ~ 100 kPa(When displayed in the unit of Pa)
103
:0 ~ 981 kPa {0 ~ 10 kgf/cm2} 0 ~
1 MPa
(When displayed in the unit of Pa)
Pressure reference
G
:Gauge
GH
:Gauge
VH
:Gauge (Vacuum)
AH
:Absolute
GP
:Gauge
Pa unit display
GMP
:Gauge
(103 type only)
Pa unit display
RP
:Gauge (Compound pressure)
Pa unit display
VP
:Gauge (Vacuum)
Pa unit display
AP
:Absolute
Pa unit display
marking
Compatible with
EMC directive
※Please refer to the LIST OF MODEL NUMBERS when placing orders.


Similar Part No. - PG-100-101GP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100 COPAL-PG-100 Datasheet
1Mb / 3P
   HANDY MANOMETER
PG-100B COPAL-PG-100B Datasheet
289Kb / 5P
   HANDY MANOMETER
PG-100B-102A COPAL-PG-100B-102A Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100B-102A-H COPAL-PG-100B-102A-H Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100B-102A-HT COPAL-PG-100B-102A-HT Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
More results

Similar Description - PG-100-101GP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100B COPAL-PG-100B_16 Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100N COPAL-PG-100N_16 Datasheet
85Kb / 4P
   HANDHELD DIGITAL MANOMETER
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com