Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiHF9620S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SiHF9620S
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiHF9620S Datasheet(HTML) 3 Page - Vishay Siliconix

  SiHF9620S Datasheet HTML 1Page - Vishay Siliconix SiHF9620S Datasheet HTML 2Page - Vishay Siliconix SiHF9620S Datasheet HTML 3Page - Vishay Siliconix SiHF9620S Datasheet HTML 4Page - Vishay Siliconix SiHF9620S Datasheet HTML 5Page - Vishay Siliconix SiHF9620S Datasheet HTML 6Page - Vishay Siliconix SiHF9620S Datasheet HTML 7Page - Vishay Siliconix SiHF9620S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 91083
www.vishay.com
S11-1051-Rev. C, 30-May-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF9620S, SiHF9620S
Vishay Siliconix
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Transfer Characteristics
Fig. 3 - Typical Saturation Characteristics
Fig. 4 - Maximum Safe Operating Area
Fig. 5 - Maximum Effective Transient Thermal Impedance, Junction-to-Case vs. Pulse Duration
91083_01
80 µs Pulse Test
VDS, Drain-to-Source Voltage (V)
- 10
- 5
V
GS = - 10, - 9, - 8, - 7 V
- 4 V
- 6 V
- 5 V
- 4
0
- 1
- 2
- 3
0
- 50
- 40
- 30
- 20
91083_02
VGS, Gate-to-Source Voltage (V)
- 2
- 5
- 4
0
- 1
- 2
- 3
0
- 10
- 8
- 6
- 4
80 µs Pulse Test
V
DS > ID(on) x RDS(on) max.
T
J = - 55 °C
T
J = 25 °C
T
J = 125 °C
91083_03
VDS, Drain-to-Source Voltage (V)
- 1
- 5
- 4
0
- 1
- 2
- 3
0
- 5
- 4
- 3
- 2
80 µs Pulse Test
V
GS = - 10, - 9, - 8, - 7 V
- 4 V
- 6 V
- 5 V
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
Negative VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 150 °C
Single Pulse
102
2
5
0.1
1
2
5
10
2
5
25
110
25
102
103
25
91083_04
2.0
1.0
0.1
10-5
10-4
10-3
10-2
0.1
1.0
10
P
DM
t
1
t
2
t1, Square Wave Pulse Duration (s)
Notes:
1. Duty Factor, D = t
1/t2
2. Per Unit Base = R
thJC = 3.12 °C/W
3. T
JM - TC = PDM ZthJC(t)
Single Pulse (Transient
Thermal Impedence)
0.2
0.05
0.02
0.01
91083_05
0.1
D = 0.5
0.5
0.2
0.05
0.02
0.01
25
25
2
5
2
5
2
5
2
5


Similar Part No. - SiHF9620S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF9620S VISHAY-SIHF9620S Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
SIHF9620S-GE3 VISHAY-SIHF9620S-GE3 Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
SIHF9620STRL-GE3A VISHAY-SIHF9620STRL-GE3A Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SiHF9620S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com