Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9409EDN-T1-GE4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG9409EDN-T1-GE4
Description  4- / 8-Channel Analog Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9409EDN-T1-GE4 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9409EDN-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DG9408E, DG9409E
www.vishay.com
Vishay Siliconix
S16-1452-Rev. A, 25-Jul-16
4
Document Number: 75375
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (Dual Supply V+ = 5 V, V- = -5 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 5 V, V- = -5 V, ± 10 %
VA, VEN = 0.8 V or 2 V f
TEMP.b
LIMITS
-40 °C to +85 °C
UNIT
MIN. c
TYP. d
MAX. c
Analog Switch
Analog signal range e
VANALOG
Full
-5
-
5
V
On-Resistance
RON
V+ = 4.5 V, V- = -4.5 V, VD = ± 3.5 V, IS = 50 mA
sequence each switch on
Room
-
4
8
Full
-
-
8.5
RON match between channels g
R
ON
V+ = 4.5 V, V- = -4.5 V, VD = ± 3.5 V, IS = 50 mA
Room
-
-
3.6
On-resistance flatness i
RON
Flatness
Room
-
-
8.2
Switch off leakage current a
IS(off)
V+ = 5.5, V- = -5.5 V
VEN = 2.4 V, VD = ± 4.5 V, VS = ± 4.5 V
Room
-2
-
2
nA
Full
-15
-
15
ID(off)
Room
-2
-
2
Full
-15
-
15
Channel on leakage current a
ID(on)
V+ = 5.5 V, V- = -5.5 V
VEN = 0 V, VD = ± 4.5 V, VS = ± 4.5 V
Room
-2
-
2
Full
-15
-
15
Digital Control
Logic high input voltage
VINH
Full
2
-
-
V
Logic low input voltage
VINL
Full
-
-
0.8
Input current a
IIN
VAX = VEN = 2 V or 0.8 V
Full
-1
-
1
μA
Dynamic Characteristics
Transition time e
tTRANS
VS1 = 3.5 V, VS8 = -3.5 V, (DG9408E)
VS1b = 3.5 V, VS4b = -3.5 V, (DG9409E)
see fig. 2
Room
-
47
65
ns
Full
-
-
70
Break-before-make time e
tBBM
VS(all) = VDA = 3.5 V
see fig. 4
Room
1
13
-
Full
---
Enable turn-on time e
tON(EN)
VAX = 0 V, VS1 = 3.5 V (DG9408E)
VAX = 0 V, VS1b = 3.5 V (DG9409E)
see fig. 3
Room
-
54
70
Full
-
-
76
Enable turn-off time e
tOFF(EN)
Room
-
28
40
Full
-
-
43
Source off capacitance e
CS(off)
f = 1 MHz, VS = 0 V, VEN = 2 V
DG9408E
Room
-
15
-
pF
DG9409E
Room
-
14
-
Drain off capacitance e
CD(off)
f = 1 MHz, VD = 0 V, VEN = 2 V
DG9408E
Room
-
126
-
DG9409E
Room
-
63
-
Drain on capacitance e
CD(on)
f = 1 MHz, VD = 0 V, VEN = 0 V
DG9408E
Room
-
153
-
DG9409E
Room
-
89
-
Power Supplies
Power supply current
I+
VEN = VA = 0 V or V+
Room
-
-
1
μA
I-
Room
-1
-
-


Similar Part No. - DG9409EDN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9409EDN-T1-GE4 VISHAY-DG9409EDN-T1-GE4 Datasheet
327Kb / 15P
   3.2 ?? Fast Switching Speed, 12 V / 5 V / 3 V / 짹 5 V, 4- / 8-Channel Analog Multiplexers
08-Feb-17
More results

Similar Description - DG9409EDN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG508AKNZ AD-ADG508AKNZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com