Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9409EDN-T1-GE4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG9409EDN-T1-GE4
Description  4- / 8-Channel Analog Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9409EDN-T1-GE4 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9409EDN-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG9409EDN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DG9408E, DG9409E
www.vishay.com
Vishay Siliconix
S16-1452-Rev. A, 25-Jul-16
2
Document Number: 75375
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TRUTH TABLE AND ORDERING INFORMATION
X = do not care
For low and high voltage levels for VAX and VEN consult “Digital Control” parameters for specific V+ operation. See specifications
tables for:
Single supply 12 V
Dual supply V+ = 5 V, V- = -5 V
Single supply 5 V
Single supply 3 V
Notes
a. Signals on SX, DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads soldered or welded to PC board.
c. Derate 23.5 mW/°C above 70 °C.
d. Manual soldering with soldering iron is not recommended for leadless components. The QFN is a leadless package. The end of the lead
terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper lip
cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TRUTH TABLE DG9408E
A2
A1
A0
EN
ON SWITCH
XXX
1
None
0000
1
0010
2
0100
3
0110
4
1000
5
1010
6
1100
7
1110
8
TRUTH TABLE DG9409E
A1
A0
EN
ON SWITCH
XX
1
None
00
0
1
01
0
2
10
0
3
11
0
4
ORDERING INFORMATION
TEMP. RANGE
PACKAGE
PART NUMBER
MIN. ORDER / PACK. QUANTITY
-40 °C to +85 °C
16-pin QFN (4 mm x 4 mm)
(variation 1)
DG9408EDN-T1-GE4
Tape and reel, 2500 units
DG9409EDN-T1-GE4
Tape and reel, 2500 units
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
LIMIT
UNIT
Voltage referenced V+ to V-
-0.3 to +18
V
GND to V-
18
Digital inputs a, VS, VD
(V-) - 0.3 to (V+) + 0.3
Current (any terminal except S or D)
30
mA
Continuous current, S or D
100
Peak current, S or D (pulsed at 1 ms, 10 % duty cycle max.)
200
Package solder reflow conditions (lead (Pb)-free assembly) d
16-pin (4 x 4 mm) QFN
260 +0 / -5
°C
Storage temperature
-65 to +150
Power dissipation (package) b, (TA = 70 °C)
16-pin (4 x 4 mm) QFN c
1880
mW
ESD human body model (HBM), per ANSI / ESDA / JEDEC® JS-001
2500
V
Latch up current, per JESD78
400
mA


Similar Part No. - DG9409EDN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9409EDN-T1-GE4 VISHAY-DG9409EDN-T1-GE4 Datasheet
327Kb / 15P
   3.2 ?? Fast Switching Speed, 12 V / 5 V / 3 V / 짹 5 V, 4- / 8-Channel Analog Multiplexers
08-Feb-17
More results

Similar Description - DG9409EDN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG508AKNZ AD-ADG508AKNZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com