Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSOX4MASK Datasheet(PDF) 4 Page - Keysight Technologies

Part # DSOX4MASK
Description  Mask/Waveform Limit Testing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 4 Page - Keysight Technologies

  DSOX4MASK Datasheet HTML 1Page - Keysight Technologies DSOX4MASK Datasheet HTML 2Page - Keysight Technologies DSOX4MASK Datasheet HTML 3Page - Keysight Technologies DSOX4MASK Datasheet HTML 4Page - Keysight Technologies DSOX4MASK Datasheet HTML 5Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Performance Characteristics
Mask test source
Analog channels 1, 2, 3, or 4
Maximum test rate
5000, 6000, 7000 Series: Up to 100,000 waveforms tested per second
3000 and 4000 X-Series: Up to 270,000 waveforms tested per second
2000 X-Series: Up to 50,000 waveforms tested per second
6000 X-Series: Up to 130,000 waveforms tested per second
Acquisition modes
Real-time sampling–non-averaged, Real-time sampling–averaged
Mask creation
Automask-divisions
Automask-absolute
Mask file import
+/- X divisions, +/- Y divisions
+/- X seconds, +/- Y volts
Up to 8 failure regions (created in text editor)
Mask scaling
Source lock on (mask automatically re-scales with scope settings)
Source lock off (mask scaling fixed relative to display when loaded or created)
Test criteria
Run until forever, Minimum number of tests, Minimum time, Minimum sigma,
Action on error
Stop acquisitions, save image, print, perform measurements
Trigger output
On failure
Statistics display
Number of tests, Number of failures (for each channel tested), Failure rate (for each channel tested), Test time
(hours – minutes – seconds), Sigma (actual versus maximum without failures)
Display formats
Mask – translucent gray, Failing waveform segments – red, Passing waveform segments – channel color
Save/recall
4 non-volatile internal registers (.msk format), USB memory stick (.msk format)
Ordering Information
The mask/waveform limit test option is compatible with all Keysight InfiniiVision Series oscilloscopes.
Related Keysight literature
Publication Title
Publication Type
Publication Number
InfiniiVision 7000B Series Oscilloscopes
Data sheet
5990-4769EN
InfiniiVision 6000 X-Series Oscilloscopes
Data sheet
5991-4087EN
InfiniiVision 4000 X-Series Oscilloscopes
Data sheet
5991-1103EN
InfiniiVision 3000 X-Series Oscilloscopes
Data sheet
5990-6619EN
InfiniiVision 2000 X-Series Oscilloscopes
Data sheet
5990-6618EN
InfiniiVision Series Oscilloscope Probes and Accessories
Data sheet
5968-8153EN
Oscilloscope Mask Testing for Six Sigma Quality Standards
Application note
5990-3200EN
Oscilloscope Waveform Update Rate Determines Probability
of Capturing Elusive Events
Application note
5989-7885EN
FlexRay Eye-diagram Mask Testing
Application note
5990-4923EN
CAN Eye-Diagram Mask Testing
Application note
5991-0484EN
InfiniiiVision model
Mask test options
2000 X-Series
DSOX2MASK
3000 X-Series
DSOX3MASK
4000 X-Series
DSOX4MASK
6000 X-Series
DSOX6MASK
5000,60000, and 7000 Series
N5455A


Similar Part No. - DSOX4MASK

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX4MASK KEYSIGHT-DSOX4MASK Datasheet
4Mb / 39P
   InfiniiVision 4000 X-Series Oscilloscopes
More results

Similar Description - DSOX4MASK

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX2MASK KEYSIGHT-DSOX2MASK Datasheet
608Kb / 5P
   Mask/Waveform Limit Testing
DSOX6MASK KEYSIGHT-DSOX6MASK Datasheet
608Kb / 5P
   Mask/Waveform Limit Testing
N5455A KEYSIGHT-N5455A Datasheet
608Kb / 5P
   Mask/Waveform Limit Testing
DSOX3MASK KEYSIGHT-DSOX3MASK Datasheet
608Kb / 5P
   Mask/Waveform Limit Testing
logo
Broadcom Corporation.
BCM4389 BOARDCOM-BCM4389 Datasheet
2Mb / 22P
   Performance Testing
March 29, 2021
logo
List of Unclassifed Man...
BU-51C ETC2-BU-51C Datasheet
53Kb / 1P
   Meter Testing Clip
logo
Keysight Technologies
33509B KEYSIGHT-33509B Datasheet
6Mb / 23P
   Waveform Generators
33510B KEYSIGHT-33510B Datasheet
6Mb / 23P
   Waveform Generators
5992-1602 KEYSIGHT-5992-1602 Datasheet
1Mb / 6P
   Anite Application Testing
33511B KEYSIGHT-33511B Datasheet
6Mb / 23P
   Waveform Generators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com