Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSOX4CXPI Datasheet(PDF) 4 Page - Keysight Technologies

Part # DSOX4CXPI
Description  Serial Bus Options for InfiniiVision
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4CXPI Datasheet(HTML) 4 Page - Keysight Technologies

  DSOX4CXPI Datasheet HTML 1Page - Keysight Technologies DSOX4CXPI Datasheet HTML 2Page - Keysight Technologies DSOX4CXPI Datasheet HTML 3Page - Keysight Technologies DSOX4CXPI Datasheet HTML 4Page - Keysight Technologies DSOX4CXPI Datasheet HTML 5Page - Keysight Technologies DSOX4CXPI Datasheet HTML 6Page - Keysight Technologies DSOX4CXPI Datasheet HTML 7Page - Keysight Technologies DSOX4CXPI Datasheet HTML 8Page - Keysight Technologies DSOX4CXPI Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
04 | Keysight | Serial Bus Options for InfiniiVision X-Series Oscilloscopes - Data Sheet
Figure 4. An interleaved “Lister” makes it easier to time-correlate activity
between two decoded serial buses.
Figure 5. Segmented memory acquisition selectively captures more
packets/bytes of serial bus activity.
Multi-bus Analysis
Many of today’s designs include multiple serial buses. Sometimes
it may be necessary to correlate data from one serial bus to
another. Keysight’s InfiniiVision 3000, 4000 and 6000 X-Series
oscilloscopes can decode two serial buses simultaneously using
hardware-based decoding. Plus they are the only scopes on
the market that can also display the captured data in a time-
interleaved “Lister” display, as shown in Figure 4. In this particular
example, the scope has simultaneously decoded and interleaved
a CAN and LIN bus in an automotive system.
PacketsThe segmented memory option for Keysight’s InfiniiVision
X-Series oscilloscopes (standard in 3000T, 4000 and 6000
X-Series) can optimize your scope’s memory, letting you
capture more packets/frames of serial bus activity. Segmented
memory acquisition optimizes the number of packetized serial
communication frames that can be captured consecutively.
Segmented memory does this by capturing just the selective
frames/bytes of interest while ignoring (not digitizing) idle time
and other unimportant frames/bytes. Figure 5 shows an example
of the oscilloscope capturing 500 consecutive hi-speed USB split
packets for a total acquisition time of approximately
200 ms. Capturing this much data using conventional
oscilloscope acquisition memory would require 1G bytes of
memory.
Keysight’s InfiniiVision X-Series oscilloscopes are the only
scopes on the market today that can acquire segments on up
to four analog channels of acquisition, and time-correlated
segments on digital channels (using an MSO model), along with
automatic hardware-based serial bus decoding for each segment.
In addition, you can use the scope’s Search and Navigation
capability after a segmented memory acquisition has been
performed.
Using Segmented Memory to Capture
Multiple Serial Bus


Similar Part No. - DSOX4CXPI

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX4CXPI KEYSIGHT-DSOX4CXPI Datasheet
4Mb / 39P
   InfiniiVision 4000 X-Series Oscilloscopes
More results

Similar Description - DSOX4CXPI

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX4USBH KEYSIGHT-DSOX4USBH Datasheet
2Mb / 26P
   Serial Bus Options for InfiniiVision
DSOX6AERO KEYSIGHT-DSOX6AERO Datasheet
2Mb / 26P
   Serial Bus Options for InfiniiVision
DSOXT3AUTO KEYSIGHT-DSOXT3AUTO Datasheet
2Mb / 26P
   Serial Bus Options for InfiniiVision
DSOX2EMBD KEYSIGHT-DSOX2EMBD Datasheet
2Mb / 26P
   Serial Bus Options for InfiniiVision
DSOX3AERO KEYSIGHT-DSOX3AERO Datasheet
2Mb / 26P
   Serial Bus Options for InfiniiVision
DSOX2COMP KEYSIGHT-DSOX2COMP Datasheet
2Mb / 26P
   Serial Bus Options for InfiniiVision
DSOX6USBFL KEYSIGHT-DSOX6USBFL Datasheet
2Mb / 26P
   Serial Bus Options for InfiniiVision
DSOX3EMBD KEYSIGHT-DSOX3EMBD Datasheet
2Mb / 26P
   Serial Bus Options for InfiniiVision
DSOX4AERO KEYSIGHT-DSOX4AERO Datasheet
2Mb / 26P
   Serial Bus Options for InfiniiVision
DSOX6VID KEYSIGHT-DSOX6VID Datasheet
785Kb / 2P
   InfiniiVision X-Series Oscilloscope Measurement Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com