Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9233E Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG9233E
Description  1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9233E Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG9233E Datasheet HTML 3Page - Vishay Siliconix DG9233E Datasheet HTML 4Page - Vishay Siliconix DG9233E Datasheet HTML 5Page - Vishay Siliconix DG9233E Datasheet HTML 6Page - Vishay Siliconix DG9233E Datasheet HTML 7Page - Vishay Siliconix DG9233E Datasheet HTML 8Page - Vishay Siliconix DG9233E Datasheet HTML 9Page - Vishay Siliconix DG9233E Datasheet HTML 10Page - Vishay Siliconix DG9233E Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DG9232E, DG9233E, DG9234E
www.vishay.com
Vishay Siliconix
S16-1451-Rev. A, 25-Jul-16
7
Document Number: 75165
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Fig. 1 - Switching Time
Fig. 2 - Break-Before-Make Interval
Fig. 3 - Charge Injection
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
300
VOUT
GND
V+
50 %
0 V
0 V
Logic
input
Switch
output
tON
tOFF
Logic "1" = switch on
Logic input waveforms inverted for switches that have
the opposite logic sense.
0 V
Switch output
V
OUT =V COM
R
L
R
L +R ON
3 V
0.9 x VOUT
tr < 20 ns
tf < 20 ns
CL (includes fixture and stray capacitance)
NO or NC
V1
NO or NC
V2
0 V
3 V
0 V
Logic
input
Switch
output
VO
VNC = VNO
tr < 5 ns
tf < 5 ns
90 %
tD
tD
COM1
V+
GND
V+
CL
35 pF
RL
300
COM2
Off
On
On
IN
V
OUT
VOUT
Q =
V
OUT x CL
CL
COM
Rgen
VOUT
NC or NO
3 V
IN
Vgen
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+


Similar Part No. - DG9233E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9233E VISHAY-DG9233E Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9233EDQ-T1-GE3 VISHAY-DG9233EDQ-T1-GE3 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9233EDY-GE3 VISHAY-DG9233EDY-GE3 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9233EDY-T1-GE3 VISHAY-DG9233EDY-T1-GE3 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
More results

Similar Description - DG9233E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
logo
Analog Devices
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com