Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409AK-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG409AK-E3
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409AK-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG409AK-E3 Datasheet HTML 1Page - Vishay Siliconix DG409AK-E3 Datasheet HTML 2Page - Vishay Siliconix DG409AK-E3 Datasheet HTML 3Page - Vishay Siliconix DG409AK-E3 Datasheet HTML 4Page - Vishay Siliconix DG409AK-E3 Datasheet HTML 5Page - Vishay Siliconix DG409AK-E3 Datasheet HTML 6Page - Vishay Siliconix DG409AK-E3 Datasheet HTML 7Page - Vishay Siliconix DG409AK-E3 Datasheet HTML 8Page - Vishay Siliconix DG409AK-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
Document Number: 67952
4
S11-1003-Rev. A, 23-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408MIL, DG409MIL
Vishay Siliconix
SPECIFICATIONSa
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS
OTHERWISE SPECIFIED
TEMP.b
TYP.c
A SUFFIX
- 55 °C to 125 °C
UNIT
V+ = 15 V, V- = - 15 V
MIN.d
MAX.d
VAL = 0.8 V, VAH = 2.4 VF
Analog Switch
Analog Signal Rangee
VANALOG
Full
-
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
VD = ± 10 V, IS = - 10 mA
Room
40
-
100
Full
-
-
125
RDS(on) Matching Between
Channelsg
R
DS(on)
VD = ± 10 V
Room
-
-
15
Source Off Leakage Current
IS(off)
VS = ± 10 V,
VD = ± 10 V, VEN = 0 V
Room
-
- 0.5
0.5
nA
Full
-
- 50
50
Drain Off Leakage
Current
DG408
ID(off)
VD = ± 10 V,
VS = ± 10 V,
VEN = 0 V
Room
-
- 1
1
DG408
Full
-
- 100
100
DG409
Room
-
- 1
1
DG409
Full
-
- 50
50
Drain On Leakage
Current
DG408
ID(on)
VS = VD = ± 10 V
sequence each
switch on
Room
-
- 1
1
DG408
Full
-
- 100
100
DG409
Room
-
- 1
1
DG409
Full
-
- 50
50
Digital Control
Logic High Input Voltage
VINH
Full
-
2.4
-
V
Logic Low Input Voltage
VINL
Full
-
-
0.8
Logic High Input Current
IAH
VA = 2.4 V, 15 V
Full
-
- 10
10
μA
Logic Low Input Current
IAL
VEN = 0 V, 2.4 V, VA = 0 V
Full
-
- 10
10
Logic Input Capacitance
Cin
f = 1 MHz
Room
8
-
-
pF
Dynamic Characteristics
Transition Time
tTRANS
see figure 2
Full
160
-
250
ns
Break-Before-Make Interval
tOPEN
see figure 4
Room
-
10
-
Enable Turn-On Time
tON(EN)
see figure 3
Room
115
-
150
Full
-
-
225
Enable Turn-Off Time
tOFF(EN)
Room
105
-
150
Charge Injection
Q
CL = 10 nF, VS = 0 V
Room
20
-
-
pC
Off Isolationh
OIRR
VEN = 0 V, RL = 1 k,
f = 1 MHz
Room
- 75
-
-
pF
Source Off Capacitance
CS(off)
VEN = 0 V, VS = 0 V,
f = 1 MHz
Room
3
-
-
Drain Off
Capacitance
DG408
CD(off)
VEN = 0 V,
VD = 0 V,
f = 1 MHz
Room
26
-
-
DG409
Room
14
-
-
Drain On
Capacitance
DG408
CD(on)
Room
37
-
-
DG409
Room
25
-
-
Power Supplies
Positive Supply Current
I+
VEN = VA = 0 V or 5 V
Full
10
-
75
μA
Negative Supply Current
I-
Full
1
- 75
-
Positive Supply Current
I+
VEN = VA = 0 V or 5 V
Room
0.2
-
0.5
mA
Full
-
-
2
Negative Supply Current
I-
Full
-
- 500
-
μA


Similar Part No. - DG409AK-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results

Similar Description - DG409AK-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com