Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F512A-17C3FMQ Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS28F512A-17C3FMQ
Description  65536 BY 8-BIT FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F512A-17C3FMQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS28F512A-17C3FMQ Datasheet HTML 2Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 3Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 4Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 5Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 6Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 7Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 8Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 9Page - Texas Instruments TMS28F512A-17C3FMQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TMS28F512A
65536 BY 8-BIT
FLASH MEMORY
SMJS514C – FEBRUARY 1994 – REVISED AUGUST 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
command register
The command register controls the program and erase functions of the TMS28F512A. The algorithm-selection
mode can be activated using the command register in addition to the previously described method. When VPP
is high, the contents of the command register and the function being performed can be changed. The command
register is written to when E is low and W is pulsed low. The address is latched on the leading edge of the pulse,
while the data is latched on the trailing edge. Accidental programming or erasure is minimized because two
commands must be executed to invoke either operation.
power supply considerations
Each device should have a 0.1-
µF ceramic capacitor connected between VCC and VSS to suppress circuit noise.
Changes in current drain on VPP require it to have a bypass capacitor as well. Printed circuit traces for both
power supplies should be appropriate to handle the current demand.
command definitions
See Table 3 for command definitions.
Table 3. Command Definitions
COMMAND
REQUIRED
BUS
FIRST BUS CYCLE
SECOND BUS CYCLE
COMMAND
BUS
CYCLES
OPERATION†
ADDRESS
DATA
OPERATION†
ADDRESS
DATA
Read
1
Write
X
00h
Read
RA
RD
Algorithm-Selection Mode
3
Write
X
90h
Read
0000
0001
89h
B8h
Set-Up-Erase / Erase
2
Write
X
20h
Write
X
20h
Erase Verify
2
Write
EA
A0h
Read
X
EVD
Set-Up-Program / Program
2
Write
X
40h
Write
PA
PD
Program Verify
2
Write
X
C0h
Read
X
PVD
Reset
2
Write
X
FFh
Write
X
FFh
† Modes of operation are defined in Table 1
Legend:
EA
Address of memory location to be read during erase verify
EVD
Data read from location EA during erase verify
PA
Address of memory location to be programmed. Address is latched on the falling edge of W.
PD
Data to be programmed at location PA. Data is latched on the rising edge of W.
PVD
Data read from location PA during program verify
RA
Address of memory location to be read
RD
Data read from location RA during the read operation
read command
Memory contents can be accessed while VPP is high or low. When VPP is high, writing 00h into the command
register invokes the read operation. When the device is powered up, the default contents of the command
register are 00h and the read operation is enabled. The read operation remains enabled until a different valid
command is written to the command register.
algorithm-selection-mode command
The algorithm-selection mode is activated by writing 90h into the command register. The manufacturer
equivalent code (89h) is identified by the value read from address location 0000h, and the device equivalent
code (B8h) is identified by the value read from address location 0001h.


Similar Part No. - TMS28F512A-17C3FMQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AEB TI1-TMS28F002AEB Datasheet
1Mb / 79P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AET TI-TMS28F002AET Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFB TI-TMS28F002AFB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFT TI-TMS28F002AFT Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFT70BDCDL TI-TMS28F002AFT70BDCDL Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F512A-17C3FMQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F210 TI-TMS28F210 Datasheet
367Kb / 25P
[Old version datasheet]   65536 BY 16-BIT FLASH MEMORY
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS28F020 TI-TMS28F020 Datasheet
312Kb / 21P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS27PC512-25NL TI-TMS27PC512-25NL Datasheet
198Kb / 13P
[Old version datasheet]   TMS27C512 65 536 BY 8-BIT UV ERASABLE TMS27PC512 65536 BY 8-BIT
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Texas Instruments
TMS27C512 TI-TMS27C512 Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com