Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409LEDY-T1-GE3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG409LEDY-T1-GE3
Description  17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LEDY-T1-GE3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG409LEDY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix DG409LEDY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix DG409LEDY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix DG409LEDY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix DG409LEDY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix DG409LEDY-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix DG409LEDY-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix DG409LEDY-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix DG409LEDY-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DG408LE, DG409LE
www.vishay.com
Vishay Siliconix
S16-0389-Rev.A, 07-Mar-16
9
Document Number: 78084
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage Current vs. Analog Voltage
Charge Injection vs. Analog Voltage (DG409LE)
Drain/Source Capacitance vs. Analog Voltage (DG408LE)
Charge Injection vs. Analog Voltage (DG408LE)
Insertion Loss, Off Isolation, and Crosstalk vs. Frequency
-150
-100
-50
0
50
100
-5.5 -4.5 -3.5 -2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 4.5 5.5
V
D,
V
S – Analog Voltage (V)
Id(on)
Is(off)
Id(off)
-15
-10
-5
0
5
10
-5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 9 10 11 12
V
s - Source Voltage (V)
V+ = +/- 5 V
V+ = 12 V
V+ = 5 V
0
5
10
15
20
25
30
35
40
45
50
0123456789
10
11
12
Drain/Source Capacitance vs. Analog Voltage (DG408L)
Id(on)
Is(off)
Id(off)
V+ = 12 V, V- = 0 V
-20
-15
-10
-5
0
5
-5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 9 10 11 12
V
s - Source Voltage (V)
V+ = +/- 5 V
V+ = 12 V
V+ = 5 V
-110
-90
-70
-50
-30
-10
10
0
1
10
100
1000
Frequency (MHz)
Insertion Loss (-3 dB = 39 MHz)
Off Isolation
Crosstalk
V+ = 5 V, V- = 0


Similar Part No. - DG409LEDY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG409LE VISHAY-DG409LE Datasheet
395Kb / 18P
   17 ?? 12 V / 짹 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
08-Feb-17
More results

Similar Description - DG409LEDY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408LE VISHAY-DG408LE_V01 Datasheet
395Kb / 18P
   17 ?? 12 V / 짹 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com