Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92042012A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 92042012A
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

92042012A Datasheet(HTML) 3 Page - Vishay Siliconix

  92042012A Datasheet HTML 1Page - Vishay Siliconix 92042012A Datasheet HTML 2Page - Vishay Siliconix 92042012A Datasheet HTML 3Page - Vishay Siliconix 92042012A Datasheet HTML 4Page - Vishay Siliconix 92042012A Datasheet HTML 5Page - Vishay Siliconix 92042012A Datasheet HTML 6Page - Vishay Siliconix 92042012A Datasheet HTML 7Page - Vishay Siliconix 92042012A Datasheet HTML 8Page - Vishay Siliconix 92042012A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Document Number: 67952
www.vishay.com
S11-1003-Rev. A, 23-May-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408MIL, DG409MIL
Vishay Siliconix
Note
• Block diagram and pin configuration for Flat-pack 16 not shown.
Notes
a. Signals on SX, DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads soldered or welded to PC board.
c. Derate 12 mW/°C above 75 °C.
d. Derate 10 mW/°C above 75 °C.
ORDERING INFORMATION (Hi-Rel)
PART
CONFIGURATION
TEMP. RANGE
PACKAGE
ORDERING PART
GENERIC
DSCC NUMBER
DG408
8:1 x 1
- 55 °C to 125 °C
16-pin CerDIP
DG408AK
DG408AK
-
DG408AK-E3
DG408AK-E3
-
9204201EA
DG408AK/883
5962-9204201MEA
LCC-20
92042012A
DG408AZ/883
5962-9204201M2A
92042012C
5962-9204201M2C
Flat-pack 16
9204201XA
DG408AL/883
5962-9204201MXA
9204201XC
5962-9204201MXC
DG409
4:1 x 2
- 55 °C to 125 °C
16-pin CerDIP
DG409AK
DG409AK
-
DG409AK-E3
DG409AK-E3
-
9204202EA
DG409AK/883
5962-9204202MEA
LCC-20
92042022A
DG409AZ/883
5962-9204202M2A
92042022C
5962-9204202M2C
Flat-pack 16
9204202XA
DG409AL/883
5962-9204202MXA
9204202XC
5962-9204202MXC
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
Voltages Referenced to V-
V+
44
V
GND
25
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 20 mA, whichever occurs first
Current (any terminal)
30
mA
Peak Current, S or D (pulsed at 1 ms, 10 % duty cycle max.)
100
Storage Temperature
(A suffix)
- 65 to 150
°C
Power Dissipation (Package)b
16-pin CerDIPc
900
mW
LCC-20d
750


Similar Part No. - 92042012A

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9204260000 WEIDMULLER-9204260000 Datasheet
128Kb / 2P
   Accessories, Spare cutting blade
September 28, 2021
More results

Similar Description - 92042012A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG408 VISHAY-DG408_11 Datasheet
241Kb / 18P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 16-May-11
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com