Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5989-8853EN Datasheet(PDF) 7 Page - Keysight Technologies

Part # 5989-8853EN
Description  A guide to power product solutions to match your test and measurement needs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

5989-8853EN Datasheet(HTML) 7 Page - Keysight Technologies

Back Button 5989-8853EN Datasheet HTML 3Page - Keysight Technologies 5989-8853EN Datasheet HTML 4Page - Keysight Technologies 5989-8853EN Datasheet HTML 5Page - Keysight Technologies 5989-8853EN Datasheet HTML 6Page - Keysight Technologies 5989-8853EN Datasheet HTML 7Page - Keysight Technologies 5989-8853EN Datasheet HTML 8Page - Keysight Technologies 5989-8853EN Datasheet HTML 9Page - Keysight Technologies 5989-8853EN Datasheet HTML 10Page - Keysight Technologies 5989-8853EN Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
07 | Keysight | Power Products – October 2015 - Selection Guide
mfr = mainframes for
the E4360, N6700,
N6707B, N6705B and
66000 modular power
supplies
Packaging
QUARTER
rack
MEDIUM
output response
<200 ms
FULL
rack
Physical Size
Use the size speciication to match
bench or system use.
Keysight power supplies have stan
-
dard EIA 19-inch rack dimensions.
The width is either half rack width
or full rack width while the height
ranges from 1U to 5U (1.75 in to 8.57
in). While any size can be used on
the bench or in a system rack, the
half rack width is generally better for
bench applications while the full rack
width works well in system racks. Of
special note is the 1U height of the
N5700 and N6700 Series.
E36100 Series
p11
6610 Series
B2961A-62A
E3600 Series
U8000 Series
p15
p16
p11
p11
All others
FRONT
terminals
REAR
terminals
Front or Rear Output Terminals
Select the model with its output
terminals in the best location
for your application on either
the bench or in a system rack.
The output terminals can be located
on the front of the power supply or
the rear. System and high-current
power supplies have their outputs
located on the rear panel while bench
and some low current power supplies
have outputs on the front.
6610A-55A
B2961A-62A
E3620A-30A
E36100 Series
N6705B
U8000 Series
p15
p16
p11
p11
p19
p11
All others
SINGLE
outputs
MULTIPLE
outputs
Number of Outputs
Specify multiple outputs per unit
when you need to save space on the
bench or in a system rack.
Keysight power supplies are con
-
igured with 1 to 8 outputs per unit.
Multiple output power supplies can
save space on the bench or in a rack.
Of special note are the 66000 and
N6700 modular mainframes that can
hold up to 8 and 4 modules
respectively.
All others
66000 mfr
6620 Series
B2961A-62A
E3620-31A
E3646A-49A
E4360 mfg
N6700 mfr
N6705B mfr
U8031A-32A
p20
p15
p16
p11
p11
p33
p18
p19
p11


Similar Part No. - 5989-8853EN

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5989-2000EN HP-5989-2000EN Datasheet
845Kb / 13P
   Segmented Memory Acquisition for Agilent InfiniiVision Series Oscilloscopes
5989-3020EN HP-5989-3020EN Datasheet
845Kb / 13P
   Segmented Memory Acquisition for Agilent InfiniiVision Series Oscilloscopes
5989-3702EN HP-5989-3702EN Datasheet
845Kb / 13P
   Segmented Memory Acquisition for Agilent InfiniiVision Series Oscilloscopes
5989-5049EN HP-5989-5049EN Datasheet
845Kb / 13P
   Segmented Memory Acquisition for Agilent InfiniiVision Series Oscilloscopes
5989-5126EN HP-5989-5126EN Datasheet
845Kb / 13P
   Segmented Memory Acquisition for Agilent InfiniiVision Series Oscilloscopes
More results

Similar Description - 5989-8853EN

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SJ5312TRANS 3M-SJ5312TRANS Datasheet
380Kb / 6P
   Easy-to-Apply Shapes, Sizes, and Colors Match Your Application Requirements
logo
Analog Devices
HMC1099 AD-HMC1099 Datasheet
486Kb / 17P
   Test and measurement equipment
logo
Bourns Electronic Solut...
PWR163S-25-10R0JE BOURNS-PWR163S-25-10R0JE Datasheet
362Kb / 3P
   PWR163 Series Power Resistor Test and measurement
logo
Ledil, Inc.
C14437 LEDIL-C14437 Datasheet
2Mb / 3P
   Press fit plug for appliances where accessing and opening the product needs to be restricted.
logo
NXP Semiconductors
AN10897 NXP-AN10897 Datasheet
241Kb / 30P
   A guide to designing for ESD and EMC
Rev. 02-19 January 2010
logo
LEM
LF310-S LEM-LF310-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 500 A
logo
Prolific Technology Inc...
PL8331 PROLIFIC-PL8331 Datasheet
418Kb / 2P
   Power Meter Solutions ??Product series
logo
Western Digital Corpora...
WD140EFFX WESTERN-WD140EFFX Datasheet
697Kb / 4P
   There?셲 a leading edge WD Red drive for every compatible NAS system to help fulfill your data storage needs.
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Arduino
A000066 ARDUINO-A000066 Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com