Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5968-4632E Datasheet(PDF) 7 Page - Keysight Technologies

Part # 5968-4632E
Description  Probing Solutions for Logic Analyzers
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

5968-4632E Datasheet(HTML) 7 Page - Keysight Technologies

Back Button 5968-4632E Datasheet HTML 3Page - Keysight Technologies 5968-4632E Datasheet HTML 4Page - Keysight Technologies 5968-4632E Datasheet HTML 5Page - Keysight Technologies 5968-4632E Datasheet HTML 6Page - Keysight Technologies 5968-4632E Datasheet HTML 7Page - Keysight Technologies 5968-4632E Datasheet HTML 8Page - Keysight Technologies 5968-4632E Datasheet HTML 9Page - Keysight Technologies 5968-4632E Datasheet HTML 10Page - Keysight Technologies 5968-4632E Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
07 | Keysight | Probing Solutions for Logic Analyzers - Data Sheet
Probe Selection Guide for All Keysight Logic Analyzers (Continued)
U4200A Series direct-connect probes selection guide
Direct connect probes connect directly to the DUT and the 160-pin front panel connector of the compatible logic analyzers listed
below.
Logic analyzer compatibility
– U4164A, U4154A/B
– 16850A Series
Note: The U4206A is for use only with the U4164A when in quad sample state mode or ¼ channel timing mode.
Soft touch connectorless probes
Mictor probe
General purpose flying lead
set
Model number
U4206A (see note above)
U4204A
U4205A
U4203A
Application
Quick connection to many channels in a small footprint without
a header designed into the target system
Quick connection to many
signals in a small footprint
Flexible connection to individual
signals
Number of channels 34
32 data, 2 clock
34
32 data, 2 clock
34
32 data, 2 clock
34
32 data, 2 clock
Supported signal
types
Differential or single-ended
clock, single-ended data
Differential or single-ended
clock, single-ended data
Single-ended clock, single-
ended data
Differential or single-ended
clock, single-ended data
Maximum data rate
4 Gb/s
3.2 Gb/s
600 Mb/s
1.5 Gb/s
Minimum signal
amplitude
V
max – Vmin
300 mV/200 mV 1
V
max – Vmin
200 mV
V
max – Vmin
200 mV
V
max – Vmin
200 mV
Connection to
target system
Requires Pro Series soft touch
footprint designed into the
target
Requires Pro Series soft touch
footprint designed into the
target
Requires 38-pin Mictor
connector designed into the
target system
Compatible with a wide
assortment of accessories to
connect to individual leads
Input capacitance
< 0.7 pF
< 0.7 pF
3.0 pF
< 0.9 pF
Additional supplies
Kit of 5 additional retention
modules
Kit of 5 additional retention
modules
See Table 1 for PC board
connectors and shrouds
See Figure for additional leads
and grabbers
Orderable as
E5403A
E5403A
1. 300 mV input required for data rates greater than 2.5 Gb/s.


Similar Part No. - 5968-4632E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5968-8153EN HP-5968-8153EN Datasheet
845Kb / 13P
   Segmented Memory Acquisition for Agilent InfiniiVision Series Oscilloscopes
More results

Similar Description - 5968-4632E

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5339A KEYSIGHT-E5339A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5346A KEYSIGHT-E5346A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5351A KEYSIGHT-E5351A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
logo
List of Unclassifed Man...
TLA7000 ETC2-TLA7000 Datasheet
1Mb / 22P
   TLA7000 Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
   Solutions for Storage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com