Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ040PFQTX30 Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # IQ040PFQTX30
Description  All capacitors are X7R multi-layer ceramic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ040PFQTX30 Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  IQ040PFQTX30 Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ040PFQTX30 Datasheet HTML 8Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Technical
Specification
IQ040PFQTx30
Product # IQ040PFQTx30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005371 Rev. F
08/07/13
Page 4
BASIC OPERATION AND FEATURES
This module is a multi-stage differential-mode and common-mode passive
EMI filter designed to interface a power source with one or more SynQor
dc-dc converters (or other loads that create EMI). Each stage of this filter
is well damped to avoid resonances and oscillations, and only X7R multi-
layer ceramic capacitors are used.
This InQor EMI filter includes a large bulk capacitor with a series damping
resistor to correct for the unstabilizing effect of a converter’s negative input
resistance. A white paper discussing this negative input resistance and
the need for corrective damping can be found on the SynQor website (see
Input System Instability application note).
A typical application would place the InQor filter close to the input of the
dc-dc converter. The Input common-mode pin would be connected to the
chassis ground that is common with the system input line filter or other
earthed point used for EMI measurement. The output common-mode pin
would be connected to the output ground or plane of the power convectors
with as low inductance a path as possible. There are no connections to
the metal baseplate, which may also be connected to the chassis ground
if desired.
Do not connect the outputs of multiple InQor filters in parallel. Connecting
filters in this manner may result in slightly unequal currents to flow in the
positive and return paths of each filter. These unequal currents may cause
the internal common-mode chokes to saturate and thus cause degraded
common-mode rejection performance.
-240
-200
-160
-120
-80
-40
0
40
1.00E+04
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
Differential Attenuation
Common-mode Attenuation
Figure 1: Typical Common Mode and Differential Mode Attenuation provided
by the filter as a function of frequency. both input lines are connected to chassis
ground through 50Ω resistors.
Basic Operations and Features


Similar Part No. - IQ040PFQTX30

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ040PFQTC30 SYNQOR-IQ040PFQTC30 Datasheet
566Kb / 7P
   Passive EMI Filter
IQ040PFQTC30SRS-G SYNQOR-IQ040PFQTC30SRS-G Datasheet
566Kb / 7P
   Passive EMI Filter
More results

Similar Description - IQ040PFQTX30

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-QT SYNQOR-MCOTS-F-270-P-QT Datasheet
2Mb / 9P
   All capacitors are X7R multi-layer ceramic
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com