Electronic Components Datasheet Search |
|
DG408LEDQ-T1-GE3 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
DG408LEDQ-T1-GE3 Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 18 page DG408LE, DG409LE www.vishay.com Vishay Siliconix S16-0389-Rev.A, 07-Mar-16 5 Document Number: 78084 For technical questions, contact: analogswitchsupport@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes a. Leakage parameters are guaranteed by worst case test condition and not subject to production test. b. Room = 25 °C, full = as determined by the operating temperature suffix. c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet. d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. e. Guaranteed by design, not subject to production test. f. VIN = input voltage to perform proper function. g. R DS(on) = RDS(on) max. - RDS(on) min. h. Worst case isolation occurs on channel 4 do to proximity to the drain pin. SPECIFICATIONS (Dual Supply V+ = 5 V, V - = -5 V) PARAMETER SYMBOL TEST CONDITIONS UNLESS OTHERWISE SPECIFIED V+ = 5 V, ± 10 %, V- = -5 V VEN = 0.6 V or 2.4 V f TEMP. b TYP. d D SUFFIX -40 °C to +85 °C UNIT MIN. c MAX. c Analog Switch Analog Signal Range e VANALOG Full - -5 5 V Drain-Source On-Resistance RDS(on) VD = ± 3.5 V, IS = 10 mA sequence each switch on Room 15 - 25 Full - - 30 Switch Off Leakage Current a IS(off) V+ = 5.5, V- = 5.5 V VEN = 0 V, VD = ± 4.5 V, VS = ± 4.5 V Room - -1 1 nA Full - -5 5 ID(off) Room - -1 1 Full - -5 5 Channel On Leakage Current a ID(on) V+ = 5.5 V, V- = -5.5 V VEN = 2.4 V, VD = ± 4.5 V, VS = ± 4.5 V Room - -1 1 Full - -5 5 Digital Control Logic High Input Voltage VINH Full - 2.4 - V Logic Low Input Voltage VINL Full - - 0.6 Input Current a IIN VAX = VEN = 2.4 V or 0.6 V Full - -1 1 μA Dynamic Characteristics Transition Time tTRANS VS1 = 3.5 V, VS8 = -3.5 V, (DG408LE) VS1b = 3.5 V, VS4b = -3.5 V, (DG409LE) see figure 2 Room 87 - 100 ns Full - - 120 Break-Before-Make Time tOPEN VS(all) = VDA = 3.5 V see figure 4 Room 84 1 - Full - - - Enable Turn-On Time tON(EN) VAX = 0 V, VS1 = 3.5 V (DG408LE) VAX = 0 V, VS1b = 3.5 V (DG409LE) see figure 3 Room 58 - 73 Full - - 80 Enable Turn-Off Time tOFF(EN) Room 31 - 46 Full - - 51 Source Off Capacitance e (DG408LE) CS(off) f = 1 MHz, VS = 0 V, VEN = 0 V Room 6 - - pF Source Off Capacitance e (DG409LE) Room 5.5 - - Drain Off Capacitance e (DG408LE) CD(off) f = 1 MHz, VD = 0 V, VEN = 0 V Room 26 - - Drain Off Capacitance e (DG409LE) Room 14 - - Drain On Capacitance e (DG408LE) CD(on) f = 1 MHz, VD = 0 V, VEN = 2.4 V Room 36 - - Drain On Capacitance e (DG409LE) Room 24 - - |
Similar Part No. - DG408LEDQ-T1-GE3 |
|
Similar Description - DG408LEDQ-T1-GE3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |