Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG408LE Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG408LE
Description  17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408LE Datasheet(HTML) 5 Page - Vishay Siliconix

  DG408LE Datasheet HTML 1Page - Vishay Siliconix DG408LE Datasheet HTML 2Page - Vishay Siliconix DG408LE Datasheet HTML 3Page - Vishay Siliconix DG408LE Datasheet HTML 4Page - Vishay Siliconix DG408LE Datasheet HTML 5Page - Vishay Siliconix DG408LE Datasheet HTML 6Page - Vishay Siliconix DG408LE Datasheet HTML 7Page - Vishay Siliconix DG408LE Datasheet HTML 8Page - Vishay Siliconix DG408LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DG408LE, DG409LE
www.vishay.com
Vishay Siliconix
S16-0389-Rev.A, 07-Mar-16
5
Document Number: 78084
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
R
DS(on) = RDS(on) max. - RDS(on) min.
h. Worst case isolation occurs on channel 4 do to proximity to the drain pin.
SPECIFICATIONS (Dual Supply V+ = 5 V, V - = -5 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 5 V, ± 10 %, V- = -5 V
VEN = 0.6 V or 2.4 V f
TEMP. b
TYP. d
D SUFFIX
-40 °C to +85 °C
UNIT
MIN. c
MAX. c
Analog Switch
Analog Signal Range e
VANALOG
Full
-
-5
5
V
Drain-Source
On-Resistance
RDS(on)
VD = ± 3.5 V, IS = 10 mA
sequence each switch on
Room
15
-
25
Full
-
-
30
Switch Off Leakage
Current a
IS(off)
V+ = 5.5, V- = 5.5 V
VEN = 0 V, VD = ± 4.5 V, VS = ± 4.5 V
Room
-
-1
1
nA
Full
-
-5
5
ID(off)
Room
-
-1
1
Full
-
-5
5
Channel On Leakage
Current a
ID(on)
V+ = 5.5 V, V- = -5.5 V
VEN = 2.4 V, VD = ± 4.5 V, VS = ± 4.5 V
Room
-
-1
1
Full
-
-5
5
Digital Control
Logic High Input Voltage
VINH
Full
-
2.4
-
V
Logic Low Input Voltage
VINL
Full
-
-
0.6
Input Current a
IIN
VAX = VEN = 2.4 V or 0.6 V
Full
-
-1
1
μA
Dynamic Characteristics
Transition Time
tTRANS
VS1 = 3.5 V, VS8 = -3.5 V, (DG408LE)
VS1b = 3.5 V, VS4b = -3.5 V, (DG409LE)
see figure 2
Room
87
-
100
ns
Full
-
-
120
Break-Before-Make Time
tOPEN
VS(all) = VDA = 3.5 V
see figure 4
Room
84
1
-
Full
-
-
-
Enable Turn-On Time
tON(EN)
VAX = 0 V, VS1 = 3.5 V (DG408LE)
VAX = 0 V, VS1b = 3.5 V (DG409LE)
see figure 3
Room
58
-
73
Full
-
-
80
Enable Turn-Off Time
tOFF(EN)
Room
31
-
46
Full
-
-
51
Source Off Capacitance e
(DG408LE)
CS(off)
f = 1 MHz, VS = 0 V, VEN = 0 V
Room
6
-
-
pF
Source Off Capacitance e
(DG409LE)
Room
5.5
-
-
Drain Off Capacitance e
(DG408LE)
CD(off)
f = 1 MHz, VD = 0 V, VEN = 0 V
Room
26
-
-
Drain Off Capacitance e
(DG409LE)
Room
14
-
-
Drain On Capacitance e
(DG408LE)
CD(on)
f = 1 MHz, VD = 0 V, VEN = 2.4 V
Room
36
-
-
Drain On Capacitance e
(DG409LE)
Room
24
-
-


Similar Part No. - DG408LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408LE VISHAY-DG408LE Datasheet
395Kb / 18P
   17 ?? 12 V / 짹 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
08-Feb-17
DG408LE VISHAY-DG408LE_V01 Datasheet
395Kb / 18P
   17 ?? 12 V / 짹 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
08-Feb-17
More results

Similar Description - DG408LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408LE VISHAY-DG408LE_V01 Datasheet
395Kb / 18P
   17 ?? 12 V / 짹 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com