Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BQ57120EZB38 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part No. BQ57120EZB38
Description  Output over-voltage protection
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

BQ57120EZB38 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # BQ57120EZB38
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006442 Rev. D
02/17/16
Page 2
Input:
40-65V
Output:
12.0V
Current:
38A
Package:
Eighth-brick
Baseplated Mechanical Diagram
PIN DESIGNATIONS
Pin
Name
Function
1 Vin(+) Positive input voltage
2 ON/OFF Logic control input to turn converter on/off.
3
Vin(–) Negative input
4 Vout(–) Negative output
5 Vout(+) Positive output
SEE NOTE 1
0.004 [0.10]
0.96 [24.4]
Overall Height
0.539±0.030
[13.69±0.75]
0.040±0.010
1.02±0.25
[
]
0.600 [ 15.24]
0.14
[ 3.6]
2.000
[ 50.80]
4
5
0.15[3.8]
0.660 [16.76]
0.180[4.57]
0.300 [7.62]
0.600 [15.24]
0.18 [4.6]
1
2
3
2.30
[ 58.4]
2.000
[ 50.80]
0.15
[ 3.8]
Bottomside
Clearance
NOTES
1)APPLIED TORQUE PER M3 SCREW 5in-lb RECOMMENDED 6in-lb
LIMIT)
SCREW SHOULD NOT EXCEED 0.100" (2.54mm) DEPTH BELOW THE
SURFACE OF THE BASEPLATE.
2)BASEPLATE FLATNESS TOLERANCE IS 0.004" (.10mm) TIR FOR
SURFACE.
3)PINS 1-3 ARE 0.040" (1.02mm) DIA. WITH 0.080" (2.03mm)
DIA. STANDOFF SHOULDERS
4)PINS 4 & 5 ARE 0.062" (1.57mm) DIA. WITH 0.100" (2.54mm)
DIA. STANDOFF SHOULDERS
5)ALL PINS: MATERIAL: COPPER ALLOY
FINISH: MATTE TIN OVER NICKEL PLATE
6) WEIGHT: 1.69oz (47.9g)
7)ALL DIMENSIONS IN INCHES (mm)
TOLERANCES: X.XX IN +/-0.02 (X.X mm +/-0.5 mm)
X.XXX IN +/-0.010 (X.XX mm +/-0.25 mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn