Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BQ57120EZB38 Datasheet(PDF) 13 Page - SynQor Worldwide Headquarters

Part No. BQ57120EZB38
Description  Output over-voltage protection
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNQOR [SynQor Worldwide Headquarters]
Homepage  http://www.synqor.com
Logo 

BQ57120EZB38 Datasheet(HTML) 13 Page - SynQor Worldwide Headquarters

 
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Product # BQ57120EZB38
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006442 Rev. D
02/17/16
Page 13
Input:
40-65V
Output:
12.0V
Current:
38A
Package:
Eighth-brick
Ordering Information
Part Numbering System
The part numbering system for SynQor’s dc-dc converters follows the format
shown in the example below.
The first 12 characters comprise the base part number and the last 3
characters indicate available options. The “-G” suffix indicates 6/6 RoHS
compliance.
Application Notes
A variety of application notes and technical white papers can be downloaded
in pdf format from our website.
RoHS Compliance: The EU led RoHS (Restriction of Hazardous
Substances) Directive bans the use of Lead, Cadmium, Hexavalent
Chromium, Mercury, Polybrominated Biphenyls (PBB), and Polybrominated
Diphenyl Ether (PBDE) in Electrical and Electronic Equipment. This SynQor
product is 6/6 RoHS compliant. For more information please refer to
SynQor’s RoHS addendum available at our RoHS Compliance / Lead Free
Initiative web page or e-mail us at rohs@synqor.com.
Ordering Information
The tables below show the valid model numbers and ordering options for
converters in this product family. When ordering SynQor converters, please
ensure that you use the complete 15 character part number consisting of
the 12 character base part number and the additional characters for options.
Add “-G” to the model number for 6/6 RoHS compliance.
The following options must be included in place of the
w x y z spaces in the
model numbers listed above.
Not all combinations make valid part numbers, please contact SynQor for
availability. See the Product Summary web page for more options.
Product Family
Package Size
Performance Level
Thermal Design
Output Current
6/6 RoHS
Options (see
Ordering Information)
Input Voltage
Output Voltage
BQ 57 120 E Z B 38 N R S - G
Ordering Information
Model Number
Input Voltage
Output
Voltage
Max Output
Current
BQ57120EZB38xyz-G
40-65V
12.0V
38A
Options Description: w x y z
Thermal Design
Enable Logic
Pin Style
Feature Set
B - Baseplated
N - Negative
N - 0.145"
R - 0.180"
S - Standard
WARRANTY
SynQor offers a three (3) year limited warranty. Complete warranty
information is listed on our website or is available upon request from SynQor.
Contact SynQor for further information and to order:
Phone:
978-849-0600
Toll Free:
888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address:
155 Swanson Road
Boxborough, MA 01719
USA
PATENTS
SynQor holds numerous U.S. patents, one or more of which apply to most of its power converter
products. Any that apply to the product(s) listed in this document are identified by markings on
the product(s) or on internal components of the product(s) in accordance with U.S. patent laws.
SynQor’s patents include the following:
5,999,417
6,222,742
6,545,890
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
7,558,083
7,564,702
7,765,687
7,787,261
8,023,290
8,149,597
8,493,751
8,644,027
9,143,042


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn