Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204D03BDL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6204D03BDL
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204D03BDL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6204D03BDL Datasheet HTML 1Page - Torex Semiconductor XC6204D03BDL Datasheet HTML 2Page - Torex Semiconductor XC6204D03BDL Datasheet HTML 3Page - Torex Semiconductor XC6204D03BDL Datasheet HTML 4Page - Torex Semiconductor XC6204D03BDL Datasheet HTML 5Page - Torex Semiconductor XC6204D03BDL Datasheet HTML 6Page - Torex Semiconductor XC6204D03BDL Datasheet HTML 7Page - Torex Semiconductor XC6204D03BDL Datasheet HTML 8Page - Torex Semiconductor XC6204D03BDL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
(Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
Series
257
3
The XC6204 series are highly precise, low noise, positive voltage LDO
regulators manufactured using CMOS processes. The series achieves
high ripple rejection and low dropout and consists of a standard voltage
source, an error correction, current limiter and a phase compensation
circuit plus a driver transistor.
Output voltage is selectable in 50mV increments within a range of 1.8V ~
6.0V.
The series is also compatible with low ESR ceramic capacitors which
give added output stability. This stability can be maintained even during
load fluctuations due to the excellent transient response of the series.
The current limiter's foldback circuit also operates as a short protect for
the output current limiter and the output pin.
The CE function enables the output to be turned off, resulting in greatly
reduced power consumption.
■General Description
Maximum Output Current
: 150mA
Dropout Voltage
: 200mV (IOUT = 100mA)
Maximum Operating Voltage : 10V
Output Voltage Range
: 1.8V ~ 6.0V in 50mV increments
Highly Accurate
: ± 2%
Low Power Consumption
: TYP 70
µA
Standby Current
: less than 0.1
µA
High Ripple Rejection
: 70dB (10 kHz)
Low Output Noise
:30
µVrms
Operational Temperature Range
: -40°C ~ +85°C
Low ESR Capacitor Compatible
: Ceramic capacitor
GMobile phones
GCordless phones
GCameras, video recorders
GPortable games
GPortable AV equipment
GReference voltage
GBattery powered equipment
■Features
■Applications
NCMOS Low Power Consumption
NDropout Voltage
: 60mV @ 30mA,
200mV @ 100mA
NMaximum Output Current
: 150mA
NHighly Accurate
: ± 2%
NOutput Voltage Range : 1.8V ~ 6.0V
NLow ESR capacitor compatible
XC6204x302
VIN=4.0VDC+0.5Vp-pAC
IOUT=50mA, CL=1.0
µF(ceramic)
0
60
50
30
40
20
10
80
70
90
Ripple Frequency:f (kHz)
0.1
1
10
100
1000
VOUT
VIN
VSS
CE
1
µF
CL
0.1
µF
CIN
■Typical Application Circuit
■Typical Performance
Characteristic
03S_04XC6204 02.9.12 2:57 PM ページ 257


Similar Part No. - XC6204D03BDL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204D092DL TOREX-XC6204D092DL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204D092DR TOREX-XC6204D092DR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204D092ML TOREX-XC6204D092ML Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204D092MR TOREX-XC6204D092MR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204D092PL TOREX-XC6204D092PL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204D03BDL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com