Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD5408 Datasheet(PDF) 15 Page - Exar Corporation

Part # XRD5408
Description  5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD5408 Datasheet(HTML) 15 Page - Exar Corporation

Back Button XRD5408 Datasheet HTML 8Page - Exar Corporation XRD5408 Datasheet HTML 9Page - Exar Corporation XRD5408 Datasheet HTML 10Page - Exar Corporation XRD5408 Datasheet HTML 11Page - Exar Corporation XRD5408 Datasheet HTML 12Page - Exar Corporation XRD5408 Datasheet HTML 13Page - Exar Corporation XRD5408 Datasheet HTML 14Page - Exar Corporation XRD5408 Datasheet HTML 15Page - Exar Corporation XRD5408 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
XRD5408/10/12
15
Rev. 1.20
8 LEAD PLASTIC DUAL-IN-LINE
(300 MIL PDIP)
Rev. 2.00
8
1
5
4
D
A1
E1
E
A
L
Seating
Plane
SYMBOL
MIN
MAX
MIN
MAX
INCHES
A
0.145
0.210
3.68
5.33
A1
0.015
0.070
0.38
1.78
A2
0.115
0.195
2.92
4.95
B
0.014
0.024
0.36
0.56
B1
0.030
0.070
0.76
1.78
C
0.008
0.014
0.20
0.38
D
0.348
0.430
8.84
10.92
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.100 BSC
2.54 BSC
eA
0.300 BSC
7.62 BSC
eB
0.310
0.430
7.87
10.92
L
0.115
0.160
2.92
4.06
a
0
°
15
°
0
°
15
°
MILLIMETERS
A2
a
eB
C
e
B1
B
Note: The control dimension is the inch column
eA


Similar Part No. - XRD5408

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5408AID EXAR-XRD5408AID Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD5408AIP EXAR-XRD5408AIP Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results

Similar Description - XRD5408

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD54L08 EXAR-XRD54L08 Datasheet
916Kb / 16P
   3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX503 MAXIM-MAX503 Datasheet
118Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Rev 0; 8/94
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com