Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2850CM48 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16C2850CM48
Description  3.3V AND 5V DUART WITH 128-BYTE FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2850CM48 Datasheet(HTML) 1 Page - Exar Corporation

  XR16C2850CM48 Datasheet HTML 1Page - Exar Corporation XR16C2850CM48 Datasheet HTML 2Page - Exar Corporation XR16C2850CM48 Datasheet HTML 3Page - Exar Corporation XR16C2850CM48 Datasheet HTML 4Page - Exar Corporation XR16C2850CM48 Datasheet HTML 5Page - Exar Corporation XR16C2850CM48 Datasheet HTML 6Page - Exar Corporation XR16C2850CM48 Datasheet HTML 7Page - Exar Corporation XR16C2850CM48 Datasheet HTML 8Page - Exar Corporation XR16C2850CM48 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
EXAR Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com • uarttechsupport@exar.com
áç
áç
áç
áç
XR16C2850
3.3V AND 5V DUART WITH 128-BYTE FIFO
APRIL 2002
REV. 2.0.0
GENERAL DESCRIPTION
The XR16C28501 (2850) is an enhanced dual univer-
sal asynchronous receiver and transmitter (UART).
Enhanced features include 128 bytes of TX and RX
FIFOs, programmable TX and RX FIFO trigger level,
FIFO level counters, automatic (RTS/CTS) hardware
and (Xon/Xoff) software flow control, automatic RS-
485 half duplex direction control output and data rates
up to 6.25 Mbps at 5V and 8X sampling clock. On-
board status registers provide the user with opera-
tional status and data error flags. An internal loop-
back capability allows system diagnostics. The 2850
has a full modem interface and can operate at 3.3 V
or 5 V and is pin-to-pin compatible to Exar’s
ST16C2550 and XR16C2750 except the 48-TQFP
package. The 2850 register set is compatible to the
industry standard ST16C2550 and is available in 48-
pin TQFP, 44-pin PLCC and 40-pin PDIP packages.
The 40-pin package does not offer TXRDY# and
RXRDY# pins (DMA signal monitoring) otherwise the
three package versions are the same.
NOTE: 1 Covered by U.S. Patent #5,649,122 and #5,832,205
APPLICATIONS
• Portable Appliances
• Telecommunication Network Routers
• Ethernet Network Routers
• Cellular Data Devices
• Factory Automation and Process Controls
FEATURES
• Pin-to-pin compatible and functionally compatible to
Exar’s ST16C2550 and XR16L2750 and TI’s
TL16C752B on the 44-PLCC package
• Pin-alike Exar’s XR16L2750 and ST16C2550 48-
TQFP package but with additional CLK8/16, CLK-
SEL and HDCNTL inputs
• Two independent UART channels
• Register set compatible to 16C550
• Up to 6.25 Mbps at 5V, and 4 Mbps at 3.3V
• Transmit and Receive FIFOs of 128 bytes
• Programmable TX and RX FIFO Trigger Levels
• Transmit and Receive FIFO Level Counters
• Automatic Hardware (RTS/CTS) Flow Control
• Selectable Auto RTS Flow Control Hysteresis
• Automatic Software (Xon/Xoff) Flow Control
• Automatic RS-485 Half-duplex Direction Control
Output
• Wireless Infrared (IrDA 1.0) Encoder/Decoder
• Automatic sleep mode
• Full modem interface
• Device Identification and Revision
• Crystal oscillator or external clock input
• Industrial and commercial temperature ranges
• 48-TQFP and 44-PLCC packages
FIGURE 1. XR16C2850 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
TXA, RXA, DTRA#,
DSRA#, RTSA#,
DTSA#, CDA#, RIA#,
OP2A#
8-bit Data
Bus
Interface
UART Channel A
128 Byte TX FIFO
128 Byte RX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
3.3V or 5V VCC
GND
TXB, RXB, DTRB#,
DSRB#, RTSB#,
CTSB#, CDB#, RIB#,
OP2B#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
CSB#
INTA
INTB
IOW#
IOR#
Reset
TXRDYA#
TXRDYB#
RXRDYA#
RXRDYB#
CLK8/16
CLKSEL
HDCNTL#


Similar Part No. - XR16C2850CM48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850CM EXAR-XR16C2850CM Datasheet
728Kb / 44P
   DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
XR16C2850CM EXAR-XR16C2850CM Datasheet
891Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850CM-F EXAR-XR16C2850CM-F Datasheet
897Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
More results

Similar Description - XR16C2850CM48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2852 EXAR-XR16C2852 Datasheet
574Kb / 42P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550_07 Datasheet
886Kb / 46P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com