Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XFTPRH105-181 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XFTPRH105-181
Description  Shielded construction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFTPRH105-181 Datasheet(HTML) 1 Page - XFMRS Inc.

  XFTPRH105-181 Datasheet HTML 1Page - XFMRS Inc. XFTPRH105-181 Datasheet HTML 2Page - XFMRS Inc. XFTPRH105-181 Datasheet HTML 3Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.xfmrs.com
info@xfmrs.com
152-160 Tai Lin Pai Rd.
Kwai Chung, NT, Hong Kong
(852)2423-1689
pyiu@xfmrs.com.hk
7570 E. Landersdale Rd.
Camby, IN 46113
Phone:
(317) 834-1066
Features
● Shielded construcon
● Inductance range 0.8µH to 330µH
● Hea ng current up to 12A
● Dimensions: 10mm x 10.2mm x 4.8 mm
● AEC-Q200 qualified
● RoHS-compliant
XFTPRH105 Series
SMT Power Inductors
Notes:
1.
Solderability: Leads shall meet MIL-STD-202G, Method 208H
for solderability.
2.
Flammability: UL94V-0
3.
ASTM oxygen index > 28%
4.
Insulaon System: Class F 155°C, UL file E151556
5.
Operang Temperature Range: All listed parameters are to
be within tolerance from –40°C to +85°C
6.
Storage Temperature Range: -55°C to +125°C
7.
Aqueous wash compable
8.
SMD Lead Coplanarity: ±0.004” (0.102mm)
9.
Electrical and mechanical specificaons 100% tested.
10.
RoHS Compliant Component


Similar Part No. - XFTPRH105-181

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFTPRH105-181M XFMRS-XFTPRH105-181M Datasheet
38Kb / 1P
   Shielded smd Inductor
More results

Similar Description - XFTPRH105-181

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
Hirose Electric
GT17 HIROSE-GT17 Datasheet
1Mb / 47P
   All surface shielded construction.
logo
Sumida Corporation
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
   Ferrite core construction, Magnetically shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com