Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C31X2-VLCD Datasheet(PDF) 22 Page - ATMEL Corporation

Part # TS80C31X2-VLCD
Description  8-bit CMOS Microcontroller ROMless
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-VLCD Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button TS80C31X2-VLCD Datasheet HTML 18Page - ATMEL Corporation TS80C31X2-VLCD Datasheet HTML 19Page - ATMEL Corporation TS80C31X2-VLCD Datasheet HTML 20Page - ATMEL Corporation TS80C31X2-VLCD Datasheet HTML 21Page - ATMEL Corporation TS80C31X2-VLCD Datasheet HTML 22Page - ATMEL Corporation TS80C31X2-VLCD Datasheet HTML 23Page - ATMEL Corporation TS80C31X2-VLCD Datasheet HTML 24Page - ATMEL Corporation TS80C31X2-VLCD Datasheet HTML 25Page - ATMEL Corporation TS80C31X2-VLCD Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22
Rev. C - 15 January, 2001
TS80C31X2
6.5 Idle mode
An instruction that sets PCON.0 causes that to be the last instruction executed before going into the Idle mode.
In the Idle mode, the internal clock signal is gated off to the CPU, but not to the interrupt, Timer, and Serial Port
functions. The CPU status is preserved in its entirely : the Stack Pointer, Program Counter, Program Status Word,
Accumulator and all other registers maintain their data during Idle. The port pins hold the logical states they had
at the time Idle was activated. ALE and PSEN hold at logic high levels.
There are two ways to terminate the Idle. Activation of any enabled interrupt will cause PCON.0 to be cleared by
hardware, terminating the Idle mode. The interrupt will be serviced, and following RETI the next instruction to
be executed will be the one following the instruction that put the device into idle.
The flag bits GF0 and GF1 can be used to give and indication if an interrupt occured during normal operation or
during an Idle. For example, an instruction that activates Idle can also set one or both flag bits. When Idle is
terminated by an interrupt, the interrupt service routine can examine the flag bits.
The over way of terminating the Idle mode is with a hardware reset. Since the clock oscillator is still running, the
hardware reset needs to be held active for only two machine cycles (24 oscillator periods) to complete the reset.
6.6 Power-Down Mode
To save maximum power, a power-down mode can be invoked by software (Refer to Table 6., PCON register).
In power-down mode, the oscillator is stopped and the instruction that invoked power-down mode is the last
instruction executed. The internal RAM and SFRs retain their value until the power-down mode is terminated.
VCC can be lowered to save further power. Either a hardware reset or an external interrupt can cause an exit from
power-down. To properly terminate power-down, the reset or external interrupt should not be executed before VCC
is restored to its normal operating level and must be held active long enough for the oscillator to restart and stabilize.
Only external interrupts INT0 and INT1 are useful to exit from power-down. For that, interrupt must be enabled
and configured as level or edge sensitive interrupt input.
Holding the pin low restarts the oscillator but bringing the pin high completes the exit as detailed in Figure 8.
When both interrupts are enabled, the oscillator restarts as soon as one of the two inputs is held low and power
down exit will be completed when the first input will be released. In this case the higher priority interrupt service
routine is executed.
Once the interrupt is serviced, the next instruction to be executed after RETI will be the one following the instruction
that put TS80C31X2 into power-down mode.
Figure 8. Power-Down Exit Waveform
Exit from power-down by reset redefines all the SFRs, exit from power-down by external interrupt does no affect
the SFRs.
Exit from power-down by either reset or external interrupt does not affect the internal RAM content.
NOTE: If idle mode is activated with power-down mode (IDL and PD bits set), the exit sequence is unchanged, when execution is vectored to interrupt,
PD and IDL bits are cleared and idle mode is not entered.
INT1
INT0
XTAL1
Power-down phase
Oscillator restart phase
Active phase
Active phase


Similar Part No. - TS80C31X2-VLCD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C31X2-VCA ATMEL-TS80C31X2-VCA Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
TEMIC Semiconductors
TS80C31X2-VCAB TEMIC-TS80C31X2-VCAB Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2-VCAD TEMIC-TS80C31X2-VCAD Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2-VCAR TEMIC-TS80C31X2-VCAR Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS80C31X2-VCB ATMEL-TS80C31X2-VCB Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
More results

Similar Description - TS80C31X2-VLCD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
AIMTEC
80C32E AIMTEC-80C32E_03 Datasheet
206Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
ATMEL Corporation
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com