Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ7.5A Datasheet(PDF) 2 Page - Dc Components

Part # SMDJ7.5A
Description  RECTIFIER SPECIALISTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMDJ7.5A Datasheet(HTML) 2 Page - Dc Components

  SMDJ7.5A Datasheet HTML 1Page - Dc Components SMDJ7.5A Datasheet HTML 2Page - Dc Components SMDJ7.5A Datasheet HTML 3Page - Dc Components SMDJ7.5A Datasheet HTML 4Page - Dc Components SMDJ7.5A Datasheet HTML 5Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (SMDJ5.0 THRU SMDJ440CA)
FIG. 5 - PULSE WAVEFORM
tr = 10
µsec.
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of IPPM
Peak Value
IPPM
HALF VALUE - IPPM
2
10/1000
µsec. Waveform
as Defined by R.E.A.
td
0
0
50
100
150
1.0
2.0
3.0
4.0
t, TIME, mS
10
100
10000
100000
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
f = 1.0 MHz
Vsig = 50mVp-p
TJ = 25OC
1.0
100
500
V(BR), BREAKDOWN VOLTAGE, VOLTS
VR = RATED
STAND-OFF
VOLTAGE
Measured at
Zero Bias
FIG. 3 - STEADY STATE POWER DERTING CURVE
L = 0.375”(9.5mm)
Lead Lengths
60Hz
Resistive or Inductive Load
TL, LEAD TEMPERATURE (OC)
0.8X0.8X0.040”
(20X20mm)
Copper Heat Sinks
0
0
2
4
6
8
25
50
75
100
125
150
175
200
300
400
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL
8.3ms Single Half Sine-Wave
(JEDEC Method)
NUMBER OF CYCLES AT 60 Hz
1
10
100
0
200
0
TA, AMBIENT TEMPERATURE, (OC)
FIG. 1 - PULSE DERATING CURVE
0
25
50
75
100
25
50
75
100
125
150
175
200
FIG. 4 - PEAK PULSE POWER RATING CURVE
Non-Repetitive
Pulse Waveform
Shown in Fig.3
TA = 25OC
0.1
1.0
10
100
0.1
µS
1.0
µS
10
µS
100
µS
1.0mS
10mS
TP, PULSE WIDTH, sec


Similar Part No. - SMDJ7.5A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMDJ7.5A LITTELFUSE-SMDJ7.5A Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
logo
List of Unclassifed Man...
SMDJ7.5A ETC1-SMDJ7.5A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
SUNMATE electronic Co.,...
SMDJ7.5A SUNMATE-SMDJ7.5A Datasheet
537Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Guangdong Juxing Electr...
SMDJ7.5A JUXING-SMDJ7.5A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
SAMYANG ELECTRONICS CO....
SMDJ7.5A SAMYANG-SMDJ7.5A Datasheet
2Mb / 6P
   Transient Voltage Suppressor Diodes
More results

Similar Description - SMDJ7.5A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com