Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 15 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1155ADU Datasheet(HTML) 15 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 15 -
2014/07
11.6
Output Noise
V
Out,TYP=3.0V, IOut=0.1mA~1000mA
I
Out [mA]
0
200
400
600
800
1000
0
20
40
60
80
100
120
V
Out,TYP=3.0V, CFb=1pF~0.1μF
C
Fb [F]
1p
10p
100p
0.001
0.01
0.1
0
20
40
60
80
100
V
Out,TYP=1.3V ~ 12V
V
Out,TYP [V]
0
2
4
6
8
10
12
14
0
50
100
150
200
250


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn