Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 14 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1155ADU Datasheet(HTML) 14 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 14 -
2014/07
11.5
Ripple Rejection
I
Out=100mA, 200mA, 500mA, 1000mA
Frequency [Hz]
100
1k
10k
100k
1M
-100
-80
-60
-40
-20
0
I
Out = 100mA, 200mA, 500mA, 1000mA
C
Out=1.0μF, 2.2F, 4.7F, 10μF
Frequency [Hz]
100
1k
10k
100k
1M
-100
-80
-60
-40
-20
0
C
Out= 1.0F
C
Out= 10F
C
Fb=none, 0.1F
Frequency [Hz]
100
1k
10k
100k
1M
-100
-80
-60
-40
-20
0
C
Fb= none
C
Fb= 0.1F
I
Out=1mA~1000mA, f=1kHz
I
Out [mA]
0
200
400
600
800
1000
-100
-80
-60
-40
-20
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn