Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1155ADU Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 13 -
2014/07
11.4
On / Off Transient
V
Cont=0.0V→2.0V, COut=1.0F, 4.7F, 10F
Time
5sec/div
1V/div
2V/div
V
Out
V
Cont
0V
2V
C
Out = 1.0F, 4.7F, 10F
V
Cont=2.0V→0.0V, COut=1.0F, 4.7F, 10F
Time
250sec/div
1V/div
2V/div
V
Out
V
Cont
0V
2V
C
Out= 10F, 4.7F, 1.0F
V
Cont=0.0V→2.0V, IOut=100mA, 500mA, 1000mA
Time
5sec/div
1V/div
2V/div
V
Out
V
Cont
0V
2V
I
Out = 100mA, 500mA, 1000mA
V
Cont=2.0V→0.0V, IOut=100mA, 500mA, 1000mA
Time
25sec/div
1V/div
2V/div
V
Out
V
Cont
I
Out= 100mA, 500mA, 1000mA
0V
2V
V
Cont=0.0V→2.0V, CFb=none~0.1F
*
Time
2.5msec/div
1V/div
2V/div
V
Out
V
Cont
0V
2V
C
Fb= none
C
Fb= 0.1F
V
Cont=0.0V→2.0V, CFb=none~0.1F
*
Time
5sec/div
1V/div
2V/div
V
Out
V
Cont
0V
2V
C
Fb= none
C
Fb= 0.1F
※ C
Fb=none, 100pF, 1000pF, 0.001F, 0.01μF, 0.1μF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn