Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1155ADU Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 11 -
2014/07
11.2 Load Transient
I
Out=0mA→1000mA, COut=1.0F, 2.2F, 4.7F
Time
10sec/div
200mV/div
1000mA/div
V
Out
I
Out
0mA
1000mA
C
Out= 1.0F
C
Out= 4.7F
I
Out=1000mA→0mA, COut=1.0F, 2.2F, 4.7F
Time
5msec/div
500mV/div
1000mA/div
1000mA
0mA
C
Out= 1.0F
C
Out= 4.7F
I
Out=0mA→500mA, 0mA→1000mA
Time
10sec/div
200mV/div
1000mA/div
(500mA/div)
I
Out
V
Out
0mA
1000mA (500mA)
I
Out= 0mA
I
Out= 500mA
I
Out= 0mA
I
Out= 1000mA
I
Out=500mA→0mA, 1000mA→0mA
Time
5msec/div
500mV/div
1000mA/div
(500mA/div)
I
Out
V
Out
1000mA (500mA)
0mA
I
Out= 500mA
I
Out= 0mA
I
Out= 1000mA
I
Out= 0mA
I
Out=0mA→1000mA, 10mA→1010mA
Time
10sec/div
200mV/div
1000mA/div
0mA (10mA)
1000mA (1010mA)
V
Out
I
Out
I
Out= 10mA
I
Out= 1010mA
I
Out= 0mA
I
Out= 1000mA
I
Out=1000mA→0mA, 1010mA→10mA
Time
5msec/div
200mV/div
1000mA/div
I
Out
V
Out
1000mA (1010mA)
0mA (10mA)
I
Out= 1010mA
I
Out= 10mA
I
Out= 1000mA
I
Out= 0mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn