Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1155ADU Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 10 -
2014/07
V
Out On/Off Point vs Ta (AP1155ADU)
T
a [°C]
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
Out Off Point
V
Out On Point
I
Cont vs Ta (AP1155ADU)
T
a [°C]
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
V
Cont = 1.8V, 2.0V, 3.0V, 4.0V
I
Out,MAX vs Ta (AP1155ADU)
T
a [°C]
-40
-20
0
20
40
60
80
100
1200
1250
1300
1350
1400
1450
1500
Reverse Bias Current(I
Rev) vs Ta (AP1155ADU)
T
a [°C]
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
Rev = 3.0V
V
In=0.0V
V
Cont=0.0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn