Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1155ADU Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP1155ADU Datasheet HTML 1Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 2Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 3Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 4Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 5Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 6Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 7Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 8Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 1 -
2014/07
-Preliminary-
1. Genaral Description
The AP1155ADU is a low dropout linear regulator with ON/OFF control, which can supply 1A load current. The
IC is an integrated circuit with a silicon monolithic bipolar structure. The output voltage can be set from 1.3V to
14.0V by external resistors. The output capacitor is available to use a small 0.22μF ceramic capacitor. The over
current, thermal and reverse bias protections are integrated, and also the package is high heat radiation type,
TO252-5. The IC is designed for high power application.
2. Features
Available to use a small ceramic capacitor
Dropout Voltage
VDROP=300mV at 1A
Output Current
1A, Peak 1.4A
High Precision reference voltage
1.21V  35mV
Programmable output voltage
1.3V to 14.0V
High ripple rejection ratio
80dB at 1kHz
Wide operating voltage range
2.4V to 15.0V
On/Off control (High active)
Built-in Short circuit protection, thermal shutdown
Built-in reverse bias over current protection
Available very low noise application
High heat radiation package
TO252-5
3. Applications
Automotive accessory equipment
Power supply for low voltage MPU and the peripherals
Mobile Communication
Audio system
Any Electronic Equipment, etc
AP1155ADU
15V Input / 1A Output Adjustable Voltage LDO Regulator


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn