Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1155ADU Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 9 -
2014/07
V
Out vs Ta (AP1155ADU)
T
a [°C]
-40
-20
0
20
40
60
80
100
-30
-20
-10
0
10
20
30
I
Q vs Ta (AP1155ADU)
T
a [°C]
-40
-20
0
20
40
60
80
100
200
220
240
260
280
300
320
340
360
380
400
LoaReg vs T
a (AP1155ADU)
T
a [°C]
-40
-20
0
20
40
60
80
100
-10
0
10
20
30
40
50
60
I
Out = 100mA, 200mA, 400mA,
600mA, 800mA, 1000mA
I
GND vs Ta (AP1155ADU)
T
a [°C]
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
I
Out = 100mA, 200mA, 400mA,
600mA, 800mA, 1000mA
V
Drop vs Ta (AP1155ADU)
T
a [°C]
-40
-20
0
20
40
60
80
100
-600
-500
-400
-300
-200
-100
0
I
Out = 100mA, 200mA, 400mA,
600mA, 800mA, 1000mA
V
Drop vs Ta (AP1155ADU)
T
a [°C]
-40
-20
0
20
40
60
80
100
-600
-500
-400
-300
-200
-100
0
I
Out = 100mA, 200mA, 400mA,
600mA, 800mA, 1000mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn