Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1155ADU Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP1155ADU Datasheet HTML 4Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 5Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 6Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 7Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 8Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 9Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 10Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 11Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 8 -
2014/07
V
Drop vs IOut (AP1155ADU)
I
Out [mA]
0
200m
400m
600m
800m
1000
-350
-300
-250
-200
-150
-100
-50
0
V
Drop vs IOut (AP1155ADU)
I
Out [mA]
0
200
400
600
800
1000
-350
-300
-250
-200
-150
-100
-50
0
V
Out vs IOut (AP1155ADU)
I
Out [A]
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0
1
2
3
4
I
Cont vs VCont (AP1155ADU)
V
Cont [V]
0
2
4
6
8
10
12
14
16
0
25
50
75
100
V
Out vs VCont (AP1155ADU)
V
Cont [V]
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0
1
2
3
4
I
Standby vs VIn (AP1155ADU)
V
In [V]
0
2
4
6
8
10
12
14
16
1p
10p
100p
1n
10n
100n
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn