Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1155ADU Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP1155ADU Datasheet HTML 3Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 4Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 5Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 6Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 7Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 8Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 9Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 10Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 7 -
2014/07
11. Description
11.1 DC Characteristics
V
Out vs VIn (AP1155ADU)
V
In [V]
0
2
4
6
8
10
12
14
16
-30
-20
-10
0
10
V
Out vs VIn (AP1155ADU)
V
In - VOut [mV]
-100
0
100
200
300
400
500
-300
-200
-100
0
100
I
Out = 0mA
600mA
(100mA step)
I
Q vs VIn (AP1155ADU)
V
In [V]
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
I
Q vs VIn (AP1155ADU)
V
In [V]
0
2
4
6
8
10
12
14
16
250
260
270
280
290
300
310
320
330
340
350
V
Out vs IOut (AP1155ADU)
I
Out [mA]
0
200
400
600
800
1000
-50
-40
-30
-20
-10
0
10
20
30
40
50
I
GND vs IOut (AP1155ADU)
I
Out [mA]
0
200
400
600
800
1000
0
5
10
15
20
25
30
35
40
45
50


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn