Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1155ADU Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP1155ADU Datasheet HTML 2Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 3Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 4Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 5Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 6Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 7Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 8Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 9Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 6 -
2014/07
10. Electrical Characteristics
■ Electrical Characteristics of Ta=Tj=25
C
The parameters with min or max values will be guaranteed at Ta=Tj=25°C.
(VIn=4.0V, R1=53k, R2=36k, Vcont=1.8V, Ta=Tj=25C, unless otherwise specified.)
Parameter
Symbol
Condition
min
typ
max
Unit
Fb voltage
VFB
IOut=5mA
1.185
1.210
1.245
V
Line Regulation
LinReg
V
In=5V, IOut=5mA
-
0
10
mV
Load Regulation (Note 3)
LoaReg
IOut=5~500mA
-
6
20
mV
IOut=5~1000mA
-
20
35
Dropout Voltage (Note 4)
VDrop
IOut=500mA
-
150
260
mV
IOut=1000mA
-
300
490
VOut=VOut,TYP0.9
1400
-
mA
Maximum Output Current
(Note 5)
IOut,Max
IOut=0mA
-
300
480
μA
Quiescent Current
Iq
VCont=0V
-
-
0.1
μA
Standby Current
IStandby
VCont=1.8V
-
5
10
μA
Control Current
ICont
VOut On state
1.8
-
-
V
Control Voltage
VCont
VOut Off state
-
-
0.35
V
Note 3. Load Regulation changes with output voltage. The value mentioned above is guaranteed with the
condition at VOut,TYP=3.0V (R1=53k, R2=36k). The standard value is displayed by the absolute value.
Note 4. For VOut,TYP≤2.0V , no regulations.
Note 5. The maximum output current is limited by power dissipation
Note 6. Parameters with only typical values are just reference. (Not guaranteed)
■ Electrical Characteristics of Ta=-40
C~85℃
The parameters with min or max values will be guaranteed at Ta = -40 ~ 85C.
(VIn=4.0V, R1=53k, R2=36k, Vcont=1.8V, Ta= -40 ~ 85C, unless otherwise specified.)
Parameter
Symbol
Condition
min
typ
max
Unit
Fb voltage
VFB
IOut=5mA
1.175
1.210
1.255
V
Line Regulation
LinReg
V
In=5V, IOut=5mA
-
0
16
mV
Load Regulation (Note 7)
LoaReg
IOut=5~500mA
-
6
37
mV
IOut=5~1000mA
-
20
65
Dropout Voltage (Note 8)
VDrop
IOut=500mA
-
150
335
mV
IOut=1000mA
-
300
550
VOut=VOut,TYP0.9
1400
-
mA
Maximum Output Current
(Note 9)
IOut,Max
IOut=0mA
-
300
585
μA
Quiescent Current
Iq
VCont=0V
-
-
0.5
μA
Standby Current
IStandby
VCont=1.8V
-
5
15
μA
Control Current
ICont
VOut On state
1.8
-
-
V
Control Voltage
VCont
VOut Off state
-
-
0.35
V
Note 7. Load Regulation changes with output voltage. The value mentioned above is guaranteed with the
condition at VOut,TYP=3.0V (R1=53k, R2=36k). The standard value is displayed by the absolute value.
Note 8. For VOut,TYP≤2.0V , no regulations.
Note 9. The maximum output current is limited by power dissipation
Note 10. Parameters with only typical values are just reference. (Not guaranteed)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn