Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1155ADU Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 5 -
2014/07
8. Absolute Maximum Ratings
Parameter
Symbol
min
Max
Unit
Condition
Input Voltage
VIn,MAX
-0.4
16
V
Reverse Bias Voltage
VRev,MAX
-0.4
14
V
VOut-VIn
FB Terminal Voltage
VFB,MAX
-0.4
5
V
Control Voltage
VCont,MAX
-0.4
16
V
Junction temperature
Tj
-
150
C
Storage Temperature Range
TStg
-55
150
C
Power Dissipation
PD
-
830
mW
Unit, Internal Limited
Tj=145°C (Note 1)
-
2200
-
30mm*30mm*1mm(Wh
en Installed On a PCB),
Internal Limited
(Note 2)
Note 1. PD must be decreased at the rate of 6.9mW/C for operation above 25C.
Note 2. PD must be decreased at the rate of 18.3mW/C for operation above 25C.
WARNING: The maximum ratings are the absolute limitation values with the possibility of the IC breakage.
When the operation exceeds this standard quality cannot be guaranteed.
9. Recommended Operating Conditions
Parameter
Symbol
min
typ
max
Unit
Condition
Operating Temperature Range
Ta
-40
-
85
C
Operating Voltage Range
VOP
2.4
-
15.0
V
Output Voltage Range
VOut
1.3
-
14.0
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn