Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1155ADU Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP1155ADU Datasheet HTML 1Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 2Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 3Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 4Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 5Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 6Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 7Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 8Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 4 -
2014/07
Function
Pin Number
Symbol
Internal Equivalent Circuit
Description
1
VCont
300k
500k
V
Cont
On/Off control Terminal
The On/Off voltages are as follows:
VCont ≥ 1.8V : VOut On state
VCont ≤ 0.35V : VOut Off state
Pull-down resistance (500k) is
built-in.
2
VIn
-
Input Terminal
Connect a capacitor of 1F or higher
between VIn terminal and GND.
3
GND
-
GND Terminal
4
VOut
V
In
V
Out
FB
Output Terminal
Connect resistance R1 between VOut
terminal and Fb terminal, and
resistance R2 between Fb terminal and
GND.
Output voltage VOut,TYP is determined
by the following equation:
2
2
1
Fb
TYP
Out,
R
R
R
V
V
Connect a ceramic capacitor with a
capacitance higher than the following
values between VOut terminal and GND.
VOut,TYP ≥ 2.4V : 1μF
VOut,TYP < 2.4V : 2.2μF
5
FB
Feedback Terminal
Connecting a capacitor between VOut
terminal and Fb terminal reduces
output noise.
This terminal features very high
impedance; please note that it is
susceptible to external noise, etc.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn