Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 22 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1155ADU Datasheet(HTML) 22 Page - Asahi Kasei Microsystems

Back Button AP1155ADU Datasheet HTML 15Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 16Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 17Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 18Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 19Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 20Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 21Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 22Page - Asahi Kasei Microsystems AP1155ADU Datasheet HTML 23Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 22 -
2014/07
14. Package
Outline Dimensions
(Unit:mm)
 0.20
6.10-
 0.20
7.20 -
 0.30
9.90-
0.127
1.524 -
(5.50)
Part Mark
Lot No.
0.254


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn