Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1155ADU Datasheet(PDF) 19 Page - Asahi Kasei Microsystems

Part No. AP1155ADU
Description  15V Input / 1A Output Adjustable Voltage LDO Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AP1155ADU Datasheet(HTML) 19 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
[AP1155ADU]
Rev.0.0
- 19 -
2014/07
12. Definition of term
 Characteristics
・Output Voltage (V
Out)
The output voltage is specified with VIn=VOut,TYP+1V and IOut=5mA.
・Output Current (I
Out)
Output current, which can be used continuously (It is the range where overheating protection of the IC does not
operate).
・Maximum output current (I
Out,Max)
The rated output current is specified under the condition where the output voltage drops 0.9V times the value
specified with IOut=5mA by increasing the output current. The input voltage is set to VOutTYP+1V and the
current is pulsed to minimize temperature effect.
・Dropout Voltage (V
Drop)
It is the difference between the input voltage and the output voltage when the circuit stops the stable operation
by decreasing the input voltage. It is measured when the output voltage drops 100mV from its nominal value
by decreasing the input voltage gradually.
・Line Regulation (LinReg)
It is the fluctuations of the output voltage value when the input voltage is changed.
・Load Regulation (LoaReg)
It is the fluctuations of the output voltage value when the input voltage is assumed to be VOut,TYP+1V, and the
output current is changed.
・Ripple Rejection (RR)
Ripple rejection is the ability of the regulator to attenuate the ripple content of the input voltage at the output.
It is measured with the condition of VIn=VOut,TYP+1.5V. Ripple rejection is the ratio of the ripple content
between the output vs. input and is expressed in dB
・Standby Current (I
Standby)
Standby current is the current which flows into the regulator when the output is turned off by the control
function (VCont=0V).
Protections
・Over Current Protection
It is an function to protect the IC by limiting the output current when excessive current flows to IC, such as the
output is connected to GND, ets.
・Thermal Protection
It protects the IC not to exceed the permissible power consumption of the package in case of large power loss
inside the regulator. The output is turned off when the chip reaches around 145°C, but it turns on again when
the temperature of the chip decreases.
・ESD
MM: 200pF 0 200V or over
HBM: 100pF 1.5k 2000V or over


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn