Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3F8L3005CMNTBG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB3F8L3005CMNTBG
Description  2:1:5 LVCMOS Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3F8L3005CMNTBG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB3F8L3005CMNTBG Datasheet HTML 5Page - ON Semiconductor NB3F8L3005CMNTBG Datasheet HTML 6Page - ON Semiconductor NB3F8L3005CMNTBG Datasheet HTML 7Page - ON Semiconductor NB3F8L3005CMNTBG Datasheet HTML 8Page - ON Semiconductor NB3F8L3005CMNTBG Datasheet HTML 9Page - ON Semiconductor NB3F8L3005CMNTBG Datasheet HTML 10Page - ON Semiconductor NB3F8L3005CMNTBG Datasheet HTML 11Page - ON Semiconductor NB3F8L3005CMNTBG Datasheet HTML 12Page - ON Semiconductor NB3F8L3005CMNTBG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NB3F8L3005C
www.onsemi.com
9
Differential Input with Single−Ended Interconnect
Refer to Figure 5 to interconnect a single−ended to a
Differential Pair of inputs. The reference bias voltage VREF
= VDD/2 is generated by the resistor divider of R3 and R4.
Bypass capacitor (C1) can filter noise on the DC bias. This
bias circuit should be located as close to the input pin as
possible. Adjust R1 and R2 to common mode voltage of the
signal input swing to preserve duty cycle.
This configuration requires that the sum of the output
impedance of the driver (Ro) and the series resistance (Rs)
equals the transmission line impedance. In addition,
matched termination by R1 and R2 will attenuate the signal
amplitude in half. Termination may be done by using Rs or
by using R1 and R2. First, Rs = 0 and then R3 and R4 in
parallel should equal the transmission line impedance. For
most 50
W applications, R1 and R2 can be 100 W. The
differential input can handle full rail LVCMOS signaling,
but it is recommended that the amplitude be reduced. The
datasheet specifies a differential amplitude which needs to
be doubled for a single ended equivalent stimulus. VILmin
cannot be less than −0.3 V and VIHmax cannot be more than
VDD + 0.3 V. The datasheet specifications are characterized
and guaranteed by using a differential signal.
Zo = 50 W
Single
C1
0.1
mF
R2
100
W
Z0 = RO + Rs
GND = 0.0
VDD
R1
100
W
Rs
RO
Ended
Driver
GND = 0.0
VDD
GND = 0.0
R4
1 k
W
R3
1 k
W
Differential In
VDD
CLKx
CLKx
Figure 5. Differential Input with Single−ended Interconnect
Crystal Input Interface
The device has been characterized with 18 pF parallel
resonant crystals. The capacitor values, C1 and C2, shown
in Figure 6 below as 15 pF were determined using an 18 pF
parallel resonant crystal and were chosen to minimize the
ppm error. The optimum C1 and C2 values can be slightly
adjusted for different board layouts.
Figure 6. Crystal Input Interface
CLOCK Overdriving the XTAL Interface
The XTAL_IN input can accept a single−ended LVCMOS
signal through an AC coupling capacitor. A general
LVCMOS interface diagram is shown in Figure 7 and a
general LVPECL interface in Figure 8. The XTAL_OUT
pin must be left floating. The maximum amplitude of the
input signal should not exceed 2 V and the input edge rate
can be as slow as 10 ns. This configuration requires that the
output impedance of the driver (Ro) plus the series
resistance (Rs) equals the transmission line impedance. In
addition, matched termination at the crystal input will
attenuate the signal in half. This can be done in one of two
ways. First, R1 and R2 in parallel should equal the
transmission line impedance. For most 50
W applications,
R1 and R2 can be 100
W. This can also be accomplished by
removing R1 and making R2 50
W. By overdriving the
crystal oscillator, the device will be functional, but note, the
device performance is guaranteed by using a quartz crystal.


Similar Part No. - NB3F8L3005CMNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3005CMNTBG ONSEMI-NB3F8L3005CMNTBG Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
More results

Similar Description - NB3F8L3005CMNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
logo
Motorola, Inc
MPC9120 MOTOROLA-MPC9120 Datasheet
93Kb / 6P
   1:10 LVCMOS FANOUT BUFFER
MPC9140 MOTOROLA-MPC9140 Datasheet
105Kb / 6P
   1:18 LVCMOS FANOUT BUFFER
logo
ON Semiconductor
NB3F8L3010C ONSEMI-NB3F8L3010C_16 Datasheet
113Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
May, 2016 ??Rev. 7
NB3F8L3010C ONSEMI-NB3F8L3010C Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
logo
Potato Semiconductor Co...
PO74HSTL85352A POTATO-PO74HSTL85352A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:2 Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
   Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Renesas Technology Corp
8302I RENESAS-8302I Datasheet
250Kb / 11P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
logo
Integrated Circuit Syst...
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com